Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN588 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN588
Description  Destined for the protection of data transmission lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN588 Datasheet(HTML) 3 Page - STMicroelectronics

  AN588 Datasheet HTML 1Page - STMicroelectronics AN588 Datasheet HTML 2Page - STMicroelectronics AN588 Datasheet HTML 3Page - STMicroelectronics AN588 Datasheet HTML 4Page - STMicroelectronics AN588 Datasheet HTML 5Page - STMicroelectronics AN588 Datasheet HTML 6Page - STMicroelectronics AN588 Datasheet HTML 7Page - STMicroelectronics AN588 Datasheet HTML 8Page - STMicroelectronics AN588 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
AN588 APPLICATION NOTE
Aware of this problem, the manufacturers of interface circuits have proposed components with auto-pro-
tected I/O’s up to 1 to 2kV. But in the case of long lines which are heavily exposed to disturbances, this
precaution is not enough and, therefore, requires the use of specific ESD protection devices.
The ITAxxB3 and ITAxxU3, which offer 8-transil functions in an SO20 package, have been especially de-
signed for this application. The internal wiring is based on a 4-point structure which allows the isolation of
the input from the output, guaranteeing a reliable protection with clamping voltages less than 30V. This
assures a real protection of the line interfaces.
In order to achieve such performance from these components, some recommendations about PCboard
mounting must be given.
Figure 3 shows what type of lay-out must be used in order to take advantage of the 4-point structure of
the ITAxxB3 and ITAxxU3. With this configuration, each data line passes through the protection device.
In this case, it acts as an interface between the cable and the circuit to be protected and guarantees an
isolation between its inputs and outputs.
The ESD wave is deviated across the input of the protection device. Therefore, the circuit to be protected
is no longer exposed to the Ldi/dt generated by the parasitic inductances of the wiring.
Figure 3. 4 - Points Structure (ITAxxB)
The ITAxx, an efficient protection against EOS
Due to their monolithic structure which allows to optimize the active surface of the silicon, these products
have a dissipation capability equal to that of discrete components. These devices can be considered as
real protection against industrial disturbances (EOS) of the 1.2/50µsec type by guaranteeing clamping
voltages at high currents well under the maximum ratings of line interface circuits.
V
VCL
i
VCL : Clamping Voltage.
V : Residual Overvoltage.
V = VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com