Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN588 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN588
Description  Destined for the protection of data transmission lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN588 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN588 Datasheet HTML 4Page - STMicroelectronics AN588 Datasheet HTML 5Page - STMicroelectronics AN588 Datasheet HTML 6Page - STMicroelectronics AN588 Datasheet HTML 7Page - STMicroelectronics AN588 Datasheet HTML 8Page - STMicroelectronics AN588 Datasheet HTML 9Page - STMicroelectronics AN588 Datasheet HTML 10Page - STMicroelectronics AN588 Datasheet HTML 11Page - STMicroelectronics AN588 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AN588 APPLICATION NOTE
10/12
ANNEX 2
Table 2. Protection Standards Applicable to Computer and Electronic Systems
Type of
Disturbance
Protection Standard
Application
Reference
Level
Wave
E.S.D.
IEC 801-2
1 to 4
2kV to 15kV 5/30nsec
I/O of data lines
IEC 801-4
1 to 4
0.5kV to 4kV 5/30nsec
WAVE TRAIN
I/O of data lines
Human body test MIL STAND.
883c-3015.7
4kV
5/30nsec
I/O of data lines
E.S.D. MIL STAND.
883c-3015.2
25kV
5/30nsec
I/O of data lines
E.O.S.
IEC801-5
1 to 3
0.5kV to 2kV 1.2/50µsec
I/O of data lines
E.M.I.
IEC801-3
1 to 3
27MHz to 500MHz
I/O of data lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com