Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN588 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN588
Description  Destined for the protection of data transmission lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN588 Datasheet(HTML) 5 Page - STMicroelectronics

  AN588 Datasheet HTML 1Page - STMicroelectronics AN588 Datasheet HTML 2Page - STMicroelectronics AN588 Datasheet HTML 3Page - STMicroelectronics AN588 Datasheet HTML 4Page - STMicroelectronics AN588 Datasheet HTML 5Page - STMicroelectronics AN588 Datasheet HTML 6Page - STMicroelectronics AN588 Datasheet HTML 7Page - STMicroelectronics AN588 Datasheet HTML 8Page - STMicroelectronics AN588 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
AN588 APPLICATION NOTE
Choice of the break-down voltage (VBR) of the ITAxxB: In the case of symmetrical signals (±VLINE), a
bi-directional Transil array with a break-down voltage (VBR) greater than the maximum differential voltage
between the 2 wires must be used.
Figure 5 helps to understand the break-down voltage (VBR) calculation:
VBR > 2 * VL.
Each line is protected in the common mode at a voltage equal to the VBR, and the line signals are not
clamped in the differential mode.
Figure 5. Calculation of the Breakdown Voltage (VBR)
Examples of the use of bi-directional transil arrays
An ITAxx assures protection, even after its destruction
When a disturbance occurs whose energy is greater than the dissipation capability of the component, the
destruction mode is a short-circuit.
This behavior, linked to the physical laws of silicon but also to an adequate wiring, assures constant pro-
tection, even after destruction. Additionally the line failure detection is immediate.
Use of transil arrays as an EMI filter
By using these transil arrays, the EMI filter function is offered "for free". The combination of the junction
capacitance (from 500 to 1000pF) with the parasitic inductances of the PC board tracks (L = 10nH/cm)
creates an EMI filter whose attenuation can satisfy applications with low exposure levels such as centron-
ics connection in printers (see Figure 6).
Maximum Line Signals
ITAxxB Solutions
± 5 V
ITA10Bx
± 9 V
ITA18Bx
±12 V
ITA25Bx
Vd
+/-V L
+/-V L
Line 1
Line 2
VBR > 2 * VL
Vd = VBR + VF > ( +/- VL ) + ( +/- VL )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com