Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN588 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN588
Description  Destined for the protection of data transmission lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN588 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN588 Datasheet HTML 4Page - STMicroelectronics AN588 Datasheet HTML 5Page - STMicroelectronics AN588 Datasheet HTML 6Page - STMicroelectronics AN588 Datasheet HTML 7Page - STMicroelectronics AN588 Datasheet HTML 8Page - STMicroelectronics AN588 Datasheet HTML 9Page - STMicroelectronics AN588 Datasheet HTML 10Page - STMicroelectronics AN588 Datasheet HTML 11Page - STMicroelectronics AN588 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AN588 APPLICATION NOTE
8/12
Figure 9. Inter-Line Interface (duration)
The ±2.5V superimposed on the ±12V of the real signal are not detected by line receivers whose threshold
is generally ajusted to ± 1V.
Additionally, the sampling system of the UART series interface circuits "hides" the disturbances of 0.4 us
among the 51 us of one bit at 19600 bauds (see Figure 9).
Use of the ITAxxx
In conclusion, the table below gives a matrix of the uses of the ITAxxx according to the type of line to be
protected. The main products are listed here, but others are equally available for more specific applica-
tions (see Annex 2: Transil Arrays-Configurations).
Table 1. Transil Array Utilization
Data Line
2/4 Lines
SO8
5/8 Lines
SO20
18 Lines
SO20
CENTRONICS 0/5V
ITA6V1U1
ITA6V1U3
ITA6V1M3
LCTA6V1M3
(Low Capacitance)
RS485/422 0/–6V
ITA6V1U1
ITA6V1U3
-
RS423 ±6V
ITA10B1
ITA10B3
-
RS232 ±12V
ITA18B1
ITA25B1
ITA18B3
ITA25B3
-
Chanel 1
0.5
s 5V
Chanel 2
0.5
s 5V
Ch 1
5 V ~
T/div0.5
s Ch 2 50mV X =
Trig
1.28 div+CHAN 1 =
100
0
5V/Div
0
5V/Div
Ve
Vr
0.5
s/div
Signal transmitted on
one of the lines
Parasitic signal on
an adjacent line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com