Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN588 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN588
Description  Destined for the protection of data transmission lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN588 Datasheet(HTML) 4 Page - STMicroelectronics

  AN588 Datasheet HTML 1Page - STMicroelectronics AN588 Datasheet HTML 2Page - STMicroelectronics AN588 Datasheet HTML 3Page - STMicroelectronics AN588 Datasheet HTML 4Page - STMicroelectronics AN588 Datasheet HTML 5Page - STMicroelectronics AN588 Datasheet HTML 6Page - STMicroelectronics AN588 Datasheet HTML 7Page - STMicroelectronics AN588 Datasheet HTML 8Page - STMicroelectronics AN588 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AN588 APPLICATION NOTE
4/12
For example, these characteristics (VCL, IPP) are given for several part types in the table below:
Note that the maximum dissipation capability is equal to IPP = 40A @ 8/20µsec for all configurations no
matter what the voltage is.
The objective is to meet the protection standards concerning industrial disturbances applied to data trans-
mission lines, which require to withstand the same level of energy no matter the application. This is re-
flected in the standard IEC801-5.
The choice and use of the ITAxx
All of the ITAxxx monolithic arrays have been developed with the same basic concept of the integration of
uni-directional functions, for uni-directional as well as bi-directional products (see Annex 1: Product Range
- Configurations).
The uni-directional products (ITAxxU series) are achieved with a network of common-anode Transil
which is similar to the discrete solution lay-out.
The bi-directional devices (ITAxxB series) are created with a network of common-cathode Transil which
require special attention for their usage.
Figure 4 below explains the functional schematic diagram obtained with a bi-directional Transil array
(ITAxxB series).
Figure 4. The use of a Bi-Directional Transil Array (ITAxxB series)
Basic Principle: Connect two Transil to ground (T01 and T02).
This precaution doubles the current capability in relation to ground, thus allowing to support the maximum
ratings (IPP = 40A, 8/20µsec) on two wires at the same time. This guarantees a large safety margin, be-
cause when a disturbance occurs, it spreads out over all the wires.
Device
VBR
IPP max
8/20µsec
VCL @ IPP
8/20µsec
VCL @ IPP
8/20µsec
ITA6V1U3
ITA6V1M3
ITA18B1
ITA25B3
6V1
6V1
18
25
40A
40A
40A
40A
10V at 10A
12V at 10A
25V at 10A
31V at 10A
12V at 25A
14V at 25A
28V at 25A
36V at 25A
IN
OUT
Ligne n
Ligne 1
Ligne 2
Tn
T02
IN
IN
OUT
OUT
T1
T01
T2
Line n
T1
Tn
T2
Line 2
T02
T01
Line 1
Wiring Principle.
Equivalent Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com