Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0059 Datasheet(PDF) 8 Page - STMicroelectronics

Part # PM0059
Description  This programming manual describes how to program
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0059 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PM0059 Datasheet HTML 4Page - STMicroelectronics PM0059 Datasheet HTML 5Page - STMicroelectronics PM0059 Datasheet HTML 6Page - STMicroelectronics PM0059 Datasheet HTML 7Page - STMicroelectronics PM0059 Datasheet HTML 8Page - STMicroelectronics PM0059 Datasheet HTML 9Page - STMicroelectronics PM0059 Datasheet HTML 10Page - STMicroelectronics PM0059 Datasheet HTML 11Page - STMicroelectronics PM0059 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Flash memory interface
PM0059
8/29
DocID15687 Rev 5
2.4
Read interface
2.4.1
Relation between CPU clock frequency and Flash memory read time
To correctly read data from Flash memory, the number of wait states (LATENCY) must be
correctly programmed in the Flash access control register (FLASH_ACR) according to the
frequency of the CPU clock (HCLK) and the supply voltage of the device. Table 3 shows the
correspondence between wait states and CPU clock frequency.
The prefetch must be disabled when the supply voltage is below 2.1 V.
After reset, the CPU clock frequency is 16 MHz and 0 wait state (WS) is configured in the
FLASH_ACR register.
It is highly recommended to use the following software sequences to tune the number of
wait states needed to access the Flash memory with the CPU frequency.
Increasing the CPU frequency
1.
Program the new number of wait states to the LATENCY bits in the FLASH_ACR
register
2.
Check that the new number of wait states is taken into account to access the Flash
memory by reading the FLASH_ACR register
3.
Modify the CPU clock source by writing the SW bits in the RCC_CFGR register
4.
If needed, modify the CPU clock prescaler by writing the HPRE bits in RCC_CFGR
5.
Check that the new CPU clock source or/and the new CPU clock prescaler value is/are
taken into account by reading the clock source status (SWS bits) or/and the AHB
prescaler value (HPRE bits), respectively, in the RCC_CFGR register.
Table 3. Number of wait states according to CPU clock (HCLK) frequency
Wait states (WS)
(LATENCY)
HCLK (MHz)
Voltage range
2.7 V - 3.6 V
Voltage range
2.4 V - 2.7 V
Voltage range
2.1 V - 2.4 V
Voltage range
1.8 V - 2.1 V(1)
0 WS (1 CPU cycle)
0 <HCLK
≤ 30
0 <HCLK
≤ 24
0 <HCLK
≤ 18
0 < HCLK
≤ 16
1 WS (2 CPU cycles)
30 <HCLK
≤ 60
24 < HCLK
≤ 48
18 <HCLK
≤ 36
16 <HCLK
≤ 32
2 WS (3 CPU cycles)
60 <HCLK
≤ 90
48 < HCLK
≤ 72
36 < HCLK
≤ 54
32 < HCLK
≤ 48
3 WS (4 CPU cycles)
90 <HCLK
≤ 120
72 < HCLK
≤ 96
54 <HCLK
≤ 72
48 < HCLK
≤ 64
4 WS (5 CPU cycles)
96 < HCLK
≤ 120
72 < HCLK
≤ 90
64 < HCLK
≤ 80
5 WS (6 CPU cycles)
90 < HCLK
≤ 108
80 < HCLK
≤ 96
6 WS (7 CPU cycles)
108 < HCLK
≤ 120
96 < HCLK
≤ 112
7 WS (8 CPU cycles)
112 < HCLK
≤ 120
1. If IRROFF is set to VDD on STM32F20xx devices, this value can be lowered to 1.65 V when the device operates in a
reduced temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com