| Electronic Components Datasheet Search |
|
PM0059 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0059 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 29 page ![]() June 2013 DocID15687 Rev 5 1/29 PM0059 Programming manual STM32F205/215, STM32F207/217 Flash programming manual Introduction This programming manual describes how to program the Flash memory of STM32F205/215 and STM32F207/217 microcontrollers. For convenience, these will be referred to as STM32F20x and STM32F21x in the rest of this document unless otherwise specified. The STM32F20x and STM32F21xembedded Flash memory can be programmed using in- circuit programming or in-application programming. The in-circuit programming (ICP) method is used to update the entire contents of the Flash memory, using the JTAG, SWD protocol or the boot loader to load the user application into the microcontroller. ICP offers quick and efficient design iterations and eliminates unnecessary package handling or socketing of devices. In contrast to the ICP method, in-application programming (IAP) can use any communication interface supported by the microcontroller (I/Os, USB, CAN, UART, I2C, SPI, etc.) to download programming data into memory. With IAP, the Flash memory can be re- programmed while the application is running. Nevertheless, part of the application has to have been previously programmed in the Flash memory using ICP. The Flash interface implements instruction access and data access based on the AHB protocol. It implements a prefetch buffer that speeds up CPU code execution. It also implements the logic necessary to carry out Flash memory operations (program/erase). Program/erase operations can be performed over the whole product voltage range. Read/write protections and option bytes are also implemented. www.st.com |
Similar Part No. - PM0059 |
|
Similar Description - PM0059 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |