| Electronic Components Datasheet Search |
|
PM0059 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0059 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 29 page ![]() Flash memory interface PM0059 14/29 DocID15687 Rev 5 execution. If this cannot be done safely, it is recommended to flush the caches by setting the DCRST and ICRST bits in the FLASH_CR register. Note: The I/D cache should be flushed only when it is disabled (I/DCEN = 0). 2.5.5 Interrupts Setting the end of operation interrupt enable bit (EOPIE) in the FLASH_CR register enables interrupt generation when an erase or program operation ends, that is when the busy bit (BSY) in the FLASH_SR register is cleared (operation completed, correctly or not). In this case, the end of operation (EOP) bit in the FLASH_SR register is set. If an error occurs during a program or erase operation request, one of the following error flags is set in the FLASH_SR register: • PGAERR, PGPERR, PGSERR (Program error flags) • WRPERR (Protection error flag) In this case, if the error interrupt enable bit (ERRIE) is set in the FLASH_SR register, an interrupt is generated and the operation error bit (OPERR) is set in the FLASH_SR register. Note: If several successive errors are detected (for example, in case of DMA transfer to the Flash memory), the error flags cannot be cleared until the end of the successive write requests. Refer to Table 5: Flash interrupt requests for summary of Flash interrupt request. 2.6 Option bytes 2.6.1 Description of user option bytes The option bytes are configured by the end user depending on the application requirements. Table 6 shows the organization of these bytes inside the user configuration sector. Table 5. Flash interrupt requests Interrupt events Event flags Enable control bits End of operation EOP EOPIE Write protection error WRPERR ERRIE Programming error PGAERR, PGPERR, PGSERR ERRIE Table 6. Option byte organization Address [63:16] [15:0] 0x1FFF C000 Reserved ROP & user option bytes (RDP & USER) 0x1FFF C008 Reserved Write protections nWRP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |