Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0214 Datasheet(PDF) 59 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 55Page - STMicroelectronics PM0214 Datasheet HTML 56Page - STMicroelectronics PM0214 Datasheet HTML 57Page - STMicroelectronics PM0214 Datasheet HTML 58Page - STMicroelectronics PM0214 Datasheet HTML 59Page - STMicroelectronics PM0214 Datasheet HTML 60Page - STMicroelectronics PM0214 Datasheet HTML 61Page - STMicroelectronics PM0214 Datasheet HTML 62Page - STMicroelectronics PM0214 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 245 page
background image
DocID022708 Rev 4
59/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.3
About the instruction descriptions
The following sections give more information about using the instructions:
Operands on page 59
Restrictions when using PC or SP on page 59
Flexible second operand on page 59
Shift operations on page 61
Address alignment on page 64
PC-relative expressions on page 64
Conditional execution on page 64
Instruction width selection on page 67.
3.3.1
Operands
An instruction operand can be an ARM register, a constant, or another instruction-specific
parameter. Instructions act on the operands and often store the result in a destination
register. When there is a destination register in the instruction, it is usually specified before
the operands.
Operands in some instructions are flexible in that they can either be a register or a constant
(see Flexible second operand).
3.3.2
Restrictions when using PC or SP
Many instructions have restrictions on whether you can use the program counter (PC) or
stack pointer (SP) for the operands or destination register. See instruction descriptions for
more information.
Bit[0] of any address written to the PC with a BX, BLX, LDM, LDR, or POP instruction must
be 1 for correct execution, because this bit indicates the required instruction set, and the
Cortex-M4 processor only supports thumb instructions.
3.3.3
Flexible second operand
Many general data processing instructions have a flexible second operand. This is shown
as operand2 in the descriptions of the syntax of each instruction.
Operand2 can be a:
Constant
Register with optional shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com