Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0214 Datasheet(PDF) 91 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 87Page - STMicroelectronics PM0214 Datasheet HTML 88Page - STMicroelectronics PM0214 Datasheet HTML 89Page - STMicroelectronics PM0214 Datasheet HTML 90Page - STMicroelectronics PM0214 Datasheet HTML 91Page - STMicroelectronics PM0214 Datasheet HTML 92Page - STMicroelectronics PM0214 Datasheet HTML 93Page - STMicroelectronics PM0214 Datasheet HTML 94Page - STMicroelectronics PM0214 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 245 page
background image
DocID022708 Rev 4
91/245
PM0214
The STM32 Cortex-M4 instruction set
244
3.5.8
REV, REV16, REVSH, and RBIT
Reverse bytes and reverse bits.
Syntax
op{cond} Rd, Rn
where:
‘op’ is one of:
REV: Reverse byte order in a word
REV16: Reverse byte order in each halfword independently
REVSH: Reverse byte order in the bottom halfword, and sign extends to 32 bits
RBIT: Reverse the bit order in a 32-bit word
‘cond’ is an optional condition code (see Conditional execution on page 64)
‘Rd’ is the destination register
‘Rn’ is the register holding the operand
Operation
Use these instructions to change endianness of data:
REV: Converts either:
32-bit big-endian data into little-endian data
or 32-bit little-endian data into big-endian data.
REV16: Converts either:
16-bit big-endian data into little-endian data
or 16-bit little-endian data into big-endian data.
REVSH: Converts either:
16-bit signed big-endian data into 32-bit signed little-endian data
16-bit signed little-endian data into 32-bit signed big-endian data
Restrictions
Do not use either SP or PC.
Condition flags
These instructions do not change the flags.
Examples
REV R3, R7
; reverse byte order of value in R7 and write it to R3
REV16 R0, R0 ; reverse byte order of each 16-bit halfword in R0
REVSH R0, R5 ; reverse Signed Halfword
REVHS R3, R7 ; reverse with Higher or Same condition
RBIT R7, R8
; reverse bit order of value in R8 and write result to R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com