Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0214 Datasheet(PDF) 71 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 67Page - STMicroelectronics PM0214 Datasheet HTML 68Page - STMicroelectronics PM0214 Datasheet HTML 69Page - STMicroelectronics PM0214 Datasheet HTML 70Page - STMicroelectronics PM0214 Datasheet HTML 71Page - STMicroelectronics PM0214 Datasheet HTML 72Page - STMicroelectronics PM0214 Datasheet HTML 73Page - STMicroelectronics PM0214 Datasheet HTML 74Page - STMicroelectronics PM0214 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 245 page
background image
DocID022708 Rev 4
71/245
PM0214
The STM32 Cortex-M4 instruction set
244
Table 26 shows the range of offsets for immediate, pre-indexed and post-indexed forms.
Restrictions
For load instructions
Rt can be SP or PC for word loads only
Rt must be different from Rt2 for two-word loads
Rn must be different from Rt and Rt2 in the pre-indexed or post-indexed forms
When Rt is PC in a word load instruction
bit[0] of the loaded value must be 1 for correct execution
A branch occurs to the address created by changing bit[0] of the loaded value to 0
If the instruction is conditional, it must be the last instruction in the IT block
For store instructions
Rt can be SP for word stores only
Rt must not be PC
Rn must not be PC
Rn must be different from Rt and Rt2 in the pre-indexed or post-indexed forms
Condition flags
These instructions do not change the flags.
Examples
LDR R8, [R10]
; loads R8 from the address in R10.
LDRNE R2, [R5, #960]!; loads (conditionally) R2 from a word
; 960 bytes above the address in R5, and
; increments R5 by 960.
STR R2, [R9,#const-struc]; const-struc is an expression evaluating
; to a constant in the range 0-4095.
STRH R3, [R4], #4; Store R3 as halfword data into address in
; R4, then increment R4 by 4
LDRD R8, R9, [R3, #0x20]; Load R8 from a word 32 bytes above the
; address in R3, and load R9 from a word 36
; bytes above the address in R3
STRD R0, R1, [R8], #-16; Store R0 to address in R8, and store R1 to
; a word 4 bytes above the address in R8,
; and then decrement R8 by 16.
Table 26. Immediate, pre-indexed and post-indexed offset ranges
Instruction type
Immediate offset
Pre-indexed
Post-indexed
Word, halfword, signed
halfword, byte, or signed byte
-255 to 4095
-255 to 255
-255 to 255
Two words
Multiple of 4 in the
range -1020 to 1020
Multiple of 4 in the
range -1020 to 1020
Multiple of 4 in the
range -1020 to 1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com