Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0214 Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 12Page - STMicroelectronics PM0214 Datasheet HTML 13Page - STMicroelectronics PM0214 Datasheet HTML 14Page - STMicroelectronics PM0214 Datasheet HTML 15Page - STMicroelectronics PM0214 Datasheet HTML 16Page - STMicroelectronics PM0214 Datasheet HTML 17Page - STMicroelectronics PM0214 Datasheet HTML 18Page - STMicroelectronics PM0214 Datasheet HTML 19Page - STMicroelectronics PM0214 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 245 page
background image
The Cortex-M4 processor
PM0214
16/245
DocID022708 Rev 4
2
The Cortex-M4 processor
2.1
Programmers model
This section describes the Cortex-M4 programmers model. In addition to the individual core
register descriptions, it contains information about the processor modes and privilege levels
for software execution and stacks.
2.1.1
Processor mode and privilege levels for software execution
The processor modes are:
The privilege levels for software execution are:
2.1.2
Stacks
The processor uses a full descending stack. This means the stack pointer indicates the last
stacked item on the stack memory. When the processor pushes a new item onto the stack, it
decrements the stack pointer and then writes the item to the new memory location. The
processor implements two stacks, the main stack and the process stack, with independent
copies of the stack pointer, see Stack pointer on page 18.
In Thread mode, the CONTROL register controls whether the processor uses the main
stack or the process stack, see CONTROL register on page 24. In Handler mode, the
processor always uses the main stack. The options for processor operations are:
Thread mode: Used to execute application software.
The processor enters Thread mode when it comes out of reset.
The CONTROL register controls whether software execution is
privileged or unprivileged, see CONTROL register on page 24.
Handler mode: Used to handle exceptions.
The processor returns to Thread mode when it has finished exception
processing.
Software execution is always privileged.
Unprivileged: Unprivileged software executes at the unprivileged level and:
Has limited access to the MSR and MRS instructions, and cannot
use the CPS instruction
Cannot access the system timer, NVIC, or system control block
Might have restricted access to memory or peripherals
Must use the SVC instruction to make a supervisor call to transfer
control to privileged software
Privileged:
Privileged software executes at the privileged level and can use all the
instructions and has access to all resources.
Can write to the CONTROL register to change the privilege level for
software execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com