Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0214 Datasheet(PDF) 75 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 71Page - STMicroelectronics PM0214 Datasheet HTML 72Page - STMicroelectronics PM0214 Datasheet HTML 73Page - STMicroelectronics PM0214 Datasheet HTML 74Page - STMicroelectronics PM0214 Datasheet HTML 75Page - STMicroelectronics PM0214 Datasheet HTML 76Page - STMicroelectronics PM0214 Datasheet HTML 77Page - STMicroelectronics PM0214 Datasheet HTML 78Page - STMicroelectronics PM0214 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 245 page
background image
DocID022708 Rev 4
75/245
PM0214
The STM32 Cortex-M4 instruction set
244
Condition flags
These instructions do not change the flags.
Examples
LDR R0, LookUpTable; load R0 with a word of data from an address
; labelled as LookUpTable
LDRSB R7, localdata; load a byte value from an address labelled
; as localdata, sign extend it to a word
; value, and put it in R7
3.4.6
LDM and STM
Load and store multiple registers.
Syntax
op{addr_mode}{cond} Rn{!}, reglist
where:
‘op’ is either LDM (load multiple register) or STM (store multiple register)
‘addr_mode’ is any of the following:
IA: Increment address after each access (this is the default)
DB: Decrement address before each access
‘cond’ is an optional condition code (see Conditional execution on page 64)
‘Rn’ is the register on which the memory addresses are based
‘!’ is an optional writeback suffix. If ! is present, the final address that is loaded from or
stored to is written back into Rn.
‘reglist’ is a list of one or more registers to be loaded or stored, enclosed in braces. It
can contain register ranges. It must be comma-separated if it contains more than one
register or register range (see Examples on page 76).
LDM and LDMFD are synonyms for LDMIA. LDMFD refers to its use for popping data from
full descending stacks.
LDMEA is a synonym for LDMDB, and refers to its use for popping data from empty
ascending stacks.
STM and STMEA are synonyms for STMIA. STMEA refers to its use for pushing data onto
empty ascending stacks.
STMFD is s synonym for STMDB, and refers to its use for pushing data onto full descending
stacks
Operation
LDM instructions load the registers in reglist with word values from memory addresses
based on Rn.
STM instructions store the word values in the registers in reglist to memory addresses based
on Rn.
For LDM, LDMIA, LDMFD, STM, STMIA, and STMEA the memory addresses used for the
accesses are at 4-byte intervals ranging from Rn to Rn + 4 * (n-1), where n is the number of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com