Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPL0102-100QPWREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0102-100QPWREP
Description  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-100QPWREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPL0102-100QPWREP Datasheet HTML 2Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 3Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 4Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 5Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 6Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 7Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 8Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 9Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
H
L
W
R
TOTAL
C
L
C
H
C
W
k
i
ii
V
0 for k i
i
I
Y
V
=
¹
=
TPL0102-EP
SLIS149 – JUNE 2014
www.ti.com
7.5 Electrical Characteristics
VDD = 2.7 to 5.5 V, VSS = 0 V, VH= VDD, VL= GND, TJ = –40°C to 125°C (unless otherwise noted). Typical values are at
VDD = 5 V, TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
End-to-end resistance
RTOT
TPL0102-100
80
100
120
k
Ω
(Between H and L pins)
RH, RL
Pin resistance
60
200
Ω
RW
Wiper resistance
25
120
Ω
CH, CL
(1) (2)
Pin capacitance
22
pF
CW
(1) (2)
Wiper capacitance
16
pF
VH = VSS to VDD, VL = Floating
ILKG
Pin leakage current
or
0.1
1
µA
VL = VSS to VDD, VH = Floating
Resistance temperature
TCR
Input Code = 0x80h
92
ppm/°C
coefficient
Channel-to-channel resistance
RTOT,MATCH
0.1
%
match
VOLTAGE DIVIDER MODE
INL(3)(4)
Integral non-linearity
–0.5
0.5
LSB
DNL(3)(5)
Differential non-linearity
–0.25
0.25
LSB
ZSERROR
(6) (7)
Zero-scale error
0
0.1
2
LSB
FSERROR
(6) (8)
Full-scale error
–2
–0.1
0
LSB
Wiper at the same tap position, same voltage
VMATCH
(6) (9)
Channel-to-channel matching
–2
2
LSB
at all H and same voltage at all L pins
Ratiometric temperature
TCV
Wiper set at mid-scale
4
ppm/°C
coefficient
Wiper set at
BW
Bandwidth
TPL0102-100
midscale
229
kHz
CLOAD = 10 pF
TSW
Wiper setting time
TPL0102-100
3.6
µS
VH = 1 VRMS at 1 kHz,
THD
Total harmonic distortion
VL = (VDD – VSS)/2,
TPL0102-100
0.03
%
Measurement at W
ƒH = 1 kHz,
XTALK
Crosstalk
VL = GND,
–82
dB
Measurement at W
(1)
Pin and wiper capacitance extracted from self admittance of three port network measurement
(2)
Digital Potentiometer Macromodel
(3)
LSB = (VMEAS[code 255] – VMEAS[code 0]) / 255
(4)
INL = ((VMEAS[code x] – VMEAS[code 0]) / LSB) – [code x]
(5)
DNL = ((VMEAS[code x] – VMEAS[code x-1]) / LSB) – 1
(6)
IDEAL_LSB = (VH – VL) / 256
(7)
ZSERROR = VMEAS[code 0] / IDEAL_LSB
(8)
FSERROR = [(VMEAS[code 255] – (VH – VL)) / IDEAL_LSB] + 1
(9)
VMATCH = (VMEAS_A[code x] – VMEAS_B[code x]) / IDEAL_LSB
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com