Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPL0102-100QPWREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0102-100QPWREP
Description  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-100QPWREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPL0102-100QPWREP Datasheet HTML 5Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 6Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 7Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 8Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 9Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 10Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 11Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 12Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TPL0102-EP
www.ti.com
SLIS149 – JUNE 2014
7.7 Timing Requirements
VDD = 2.7 to 5.5 V, VSS = 0 V, VH = VDD, VL = GND, TJ = –40°C to 125°C (unless otherwise noted). Typical values are at
VDD = 5 V, TJ = 25°C (unless otherwise noted).
STANDARD MODE I2C BUS
FAST MODE I2C BUS
UNIT
MIN
MAX
MIN
MAX
I2C INTERFACE TIMING REQUIREMENTS
ƒSCL
I2C clock frequency
0
100
0
400
kHz
tSCH
I2C clock high time
4
0.6
µs
tSCL
I2C clock low time
4.7
1.3
µs
tsp
I2C spike time
0
50
0
50
ns
tSDS
I2C serial data setup time
250
100
ns
tSDH
I2C serial data hold time
0
0
ns
tICR
I2C input rise time
1000
20 + 0.1Cb
(1)
300
ns
tICF
I2C input fall time
300
20 + 0.1Cb
(1)
300
ns
tICF
I2C output fall time, 10- to 400-pF bus
300
20 + 0.1Cb
(1)
300
ns
tBUF
I2C bus free time between stop and start
4.7
1.3
µs
tSTS
I2C start or repeater start conditions setup time
4.7
1.3
µs
tSTH
I2C start or repeater start condition hold time
4
0.6
µs
tSPS
I2C stop condition setup time
4
0.6
µs
tVD(DATA)
Valid data time, SCL low to SDA output valid
1
1
µs
tVD(DATA)
Valid data time of ACK condition, ACK signal from
1
1
µs
SCL low to SDA (out) low
(1)
Cb = total capacitance of one bus line in pF
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com