Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPL0102-100QPWREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0102-100QPWREP
Description  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-100QPWREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPL0102-100QPWREP Datasheet HTML 8Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 9Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 10Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 11Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 12Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 13Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 14Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 15Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
I
2C INTERFACE
VOLATILE
REGISTERS
NON-VOLATILE
REGISTERS
A0 A1 A2
HA
LA
HB
LB
WA
WB
VDD
VSS
GND
SDA
SCL
TPL0102-EP
SLIS149 – JUNE 2014
www.ti.com
8 Detailed Description
8.1 Overview
The TPL0102-EP is a two-channel, linear-taper digital potentiometer with 256 wiper positions. Each
potentiometer can be used as a three-pin potentiometer or as a two-pin rheostat. The TPL0102-EP-100 has an
end-to-end resistance of 100 k
Ω.
The TPL0102-EP has non-volatile memory (EEPROM) which can be used to store the wiper position. When the
device is powered down, the last value stored in the IVR register will be maintained in the non-volatile memory.
When power is restored, the contents of the IVR register are recalled and loaded into the corresponding WR
register to set the wipers to the initial position. The internal registers of the TPL0102-EP can be accessed using
the I2C interface.
The position of the wiper pin is controlled by the value in the WR 8-bit register. When the WR contains all zeroes,
the wiper pin W is closest to its L (low) pin. As the value of the WR increases from all zeroes to all ones (255
decimal), the wiper moves monotonically from the position closest to L to the position closest to H. At the same
time, the resistance between W and L increases monotonically, whereas the resistance between W and H
decreases monotonically.
8.2 Functional Block Diagram
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com