Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPL0102-100QPWREP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0102-100QPWREP
Description  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-100QPWREP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPL0102-100QPWREP Datasheet HTML 19Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 20Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 21Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 22Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 23Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 24Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 25Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 26Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
TPL0102-EP
www.ti.com
SLIS149 – JUNE 2014
8.5 Register Maps
8.5.1 Slave Address
Bit 7
Bit 0
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 2
(MSB)
(LSB)
1
0
1
0
A2
A1
A0
R/W
8.5.2 TPL0102-EP Register Maps
REGISTER ADDRESS (HEX)
NON-VOLATILE
VOLATILE
0
IVRA
WRA
1
IVRB
WRB
2
General purpose
N/A
3
General purpose
N/A
4
General purpose
N/A
5
General purpose
N/A
6
General purpose
N/A
7
General purpose
N/A
8
General purpose
N/A
9
General purpose
N/A
A
General purpose
N/A
B
General purpose
N/A
C
General purpose
N/A
E
General purpose
N/A
D
General purpose
N/A
F
Reserved
10
N/A
ACR
8.5.3 IVRA (Initial Value Register for Potentiometer A)
•
Register address: 00H
•
Factory programmed value: 80H
•
Type: non-volatile write/read
NAME
SIZE (BITS)
DESCRIPTION
IVRA
8
Non-volatile register to store wiper position for potentiometer A
8.5.4 WRA (Wiper Resistance Register for Potentiometer A)
•
Register address: 00H
•
Reset value: same as IVRA
•
Type: volatile write/read
NAME
SIZE (BITS)
DESCRIPTION
WRA
8
Volatile register to change wiper position for potentiometer A
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com