Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPL0102-100QPWREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0102-100QPWREP
Description  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-100QPWREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPL0102-100QPWREP Datasheet HTML 7Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 8Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 9Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 10Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 11Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 12Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 13Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 14Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
±40
±20
0
20
40
60
80
100
120
Free-Air Temperature (
ƒC)
2.7 V
5.5 V
C011
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
±40
±20
0
20
40
60
80
100
120
Free-Air Temperature (
ƒC)
2.7 V
5.5 V
C009
±1.00
±0.90
±0.80
±0.70
±0.60
±0.50
±0.40
±40
±20
0
20
40
60
80
100
120
Free-Air Temperature (
ƒC)
2.7 V
5.5 V
C010
10
20
30
40
50
60
70
80
90
±40
±20
0
20
40
60
80
100
120
Free-Air Temperature (
ƒC)
2.7 V
5.5 V
C007
10
20
30
40
50
60
70
80
90
±40
±20
0
20
40
60
80
100
120
Free-Air Temperature (
ƒC)
2.7 V
5.5 V
C007
TPL0102-EP
www.ti.com
SLIS149 – JUNE 2014
Typical Characteristics (continued)
Figure 8. Wiper Resistance (RW) vs Temperature
Figure 9. End-to-End Resistance (Between H and L Pins) vs
Temperature
Figure 10. Zero-Scale Error vs Temperature
Figure 11. Full-Scale Error vs Temperature
Figure 12. Offset vs Temperature
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com