Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49352RL/NOPB Datasheet(PDF) 40 Page - Texas Instruments

Part # LM49352RL/NOPB
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352RL/NOPB Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM49352RL/NOPB Datasheet HTML 36Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 37Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 38Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 39Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 40Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 41Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 42Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 43Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
10 pF
Speaker
Ferrite Bead
LSGND
LM49352
Class D
LS-
LS+
10 pF
Ferrite Bead
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Figure 59. EMI/RFI Filter for the Class D Amplifier
Table 16. LEFT HEADPHONE_OUTPUT (0x11h)
Bits
Field
Description
0
DACR_HPL
The right DAC output is added to the left headphone output.
1
DACL_HPL
The left DAC output is added to the left headphone output.
2
RSVD
Reserved
3
RSVD
Reserved
4
MONO_HPL
The MONO input is added to the left headphone output.
5
AUX_HPL
The AUX input is added to the left headphone output.
Table 17. RIGHT HEADPHONE_OUTPUT (0x12h)
Bits
Field
Description
0
DACR_HPR
The right DAC output is added to the right headphone output.
1
DACL_HPR
The left DAC output is added to the right headphone output.
2
RSVD
Reserved
3
RSVD
Reserved
4
MONO_HPR
The MONO input is added to the right headphone output.
5
AUX _HPR
The AUX input is added to the right headphone output.
Headphone Amplifier Function
The LM49352 headphone amplifier features TI’s ground referenced architecture that eliminates the large DC-
blocking capacitors required at the outputs of traditional headphone amplifiers. A low-noise inverting charge
pump creates a negative supply (HP_VSS) from the positive supply voltage (LS_VDD). The headphone amplifiers
operate from these bipolar supplies, with the amplifier outputs biased about GND, instead of a nominal DC
voltage (typically VDD/2), like traditional amplifiers. Because there is no DC component to the headphone output
signals, the large DC-blocking capacitors (typically 220
μF) are not necessary, conserving board space and
system cost, while improving frequency response.
Charge Pump Capacitor Selection
Use low ESR ceramic capacitors (less than 100m
Ω) for optimum performance.
Charge Pump Flying Capacitor (C6)
The flying capacitor (C6) affects the load regulation and output impedance of the charge pump. A C6 value that
is too low results in a loss of current drive, leading to a loss of amplifier headroom. A higher valued C6 improves
load regulation and lowers charge pump output impedance to an extent. Above 2.2
μF, the RDS(ON) of the charge
pump switches and the ESR of C6 and C5 dominate the output impedance. A lower value capacitor can be used
in systems with low maximum output power requirements. Please refer to the demonstration board schematic
shown in Figure 72.
40
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com