Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49352RL/NOPB Datasheet(PDF) 46 Page - Texas Instruments

Part # LM49352RL/NOPB
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352RL/NOPB Datasheet(HTML) 46 Page - Texas Instruments

Back Button LM49352RL/NOPB Datasheet HTML 42Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 43Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 44Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 45Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 46Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 47Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 48Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 49Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 106 page
background image
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Table 24. HP_SENSE (0x1Bh) (continued)
Bits
Field
Description
3
HPSENSE_AUX_D
This bit enables the headphone sense circuit. If enabled, the headphone amplifier will automatically
turn on/off based on the logic level of the GPIO pin whenever GPIO is selected as a headphone sense
input. If the presence of a headphone insertion is detected, the headphone amplifier will automatically
turn on and the Class D loudspeaker amplifier along with the Earpiece / Auxout amplifier will turn off. If
a headphone removal is detected the headphone amplifier will automatically turn off and the Class D
loudspeaker amplifier along with the Earpiece / Auxout amplifier will turn on. This bit overrides bit 0, bit
1, and bit 2 of this register.
HPSENSE_AUX_D
Headphone Sense Status
0
Off
1
On
ADC Control Registers
This register is used to control the LM49352's ADC:
Table 25. ADC Basic (0x20h)
Bits
Field
Description
0
MONO
This sets mono or stereo operation of the ADC.
MONO
ADC Operation
0
Stereo Audio
1
Mono Voice (Right ADC channel disabled, Left ADC channel active)
1
OSR
This sets the oversampling ratio of the ADC.
OSR
Stereo Audio ADC
Mono Voice ADC Oversampling Ratio
Oversampling Ratio
0
128
125
1
128
128
2
MUTE_L
If set, a digital mute is applied to the Left (or mono) ADC output.
3
MUTE_R
If set, a digital mute is applied to the Right ADC output.
6:4
ADC_CLK_SEL
This selects the source of the ADC clock domain, ADC_SOURCE_CLK.
ADC_CLK_SEL
Source
000
MCLK
001
PORT1_RX_CLK
010
PORT2_RX_CLK
011
PLL_OUTPUT1
100
PLL_OUTPUT2
7
ADC_DSP_ONLY
If set, the ADC's analog circuitry is disabled to reduce power consumption, however, ADC DSP
functionality is maintained. This can be used to perform asynchronous resampling between audio
rates of a common family. Setting this bit is also useful whenever applying Automatic Level Control
(ALC) to an analog only audio path.
46
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com