Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49352RL/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LM49352RL/NOPB
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352RL/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM49352RL/NOPB Datasheet HTML 19Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 20Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 21Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 22Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 23Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 24Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 25Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 26Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 106 page
background image
-120
-20
-110
-100
-90
-80
-70
-60
-50
-40
-30
20
100k
100
1k
10k
FREQUENCY (Hz)
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
100k
100
1k
10k
FREQUENCY (Hz)
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
100k
100
1k
10k
FREQUENCY (Hz)
0.001
100m
OUTPUT POWER (W)
10
1
10m
1m
2m
5m
0.01
0.1
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Headphone THD+N vs Output Power
MONO/AUX Input, MONO/AUX Gain = 0dB, HP Gain = 0dB
Headphone PSRR vs Frequency
Stereo In Phase, fIN = 1kHz, RL = 16Ω
MONO/AUX Input, MONO/AUX Gain = 0dB, HP Gain = 0dB
Blue >> HPVDD = 1.8V
HPVDD = 1.8V, AVDD = 3.3V, VRIPPLE = 200mVPP
Light Blue >> HPVDD = 2.8V
Ripple on HPVDD, AVDD
Figure 40.
Figure 41.
Headphone PSRR vs Frequency
Headphone PSRR vs Frequency
DAC Input, DAC Gain = 0dB, HP Gain = 0dB
MONO/AUX Input, MONO/AUX Gain = 0dB, HP Gain = 0dB
HPVDD = 1.8V, AVDD = 3.3V, DVDD = 1.8V, VRIPPLE =
HPVDD = 1.8V, AVDD = 3.3V, VRIPPLE = 200mVPP
200mVPP
Ripple on AVDD only
Ripple on HPVDD, AVDD, DVDD
Figure 42.
Figure 43.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com