Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49352RL/NOPB Datasheet(PDF) 91 Page - Texas Instruments

Part # LM49352RL/NOPB
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352RL/NOPB Datasheet(HTML) 91 Page - Texas Instruments

Back Button LM49352RL/NOPB Datasheet HTML 87Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 88Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 89Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 90Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 91Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 92Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 93Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 94Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Table 79. SOFTCLIP1 (0xB0h)
Bits
Field
Description
3:0
TRESHOLD
This sets the threshold level of the audio compressor. Audio signals above the threshold will
be compressed.
THRESHOLD
Threshold Level (dB)
0000
-36dB
0001
-30dB
0010
-24dB
0011
-20dB
0100
-18dB
0101
-17dB
0110
-16dB
0111
-15dB
1000
-14dB
1001
-12dB
1010
-10dB
1011
-8dB
1100
-6dB
1101
-4dB
1110
-2.5dB
1111
-1dB
4
SOFT_KNEE
If set, the audio compressor will automatically apply higher compression ratios to audio
signals higher than the threshold level. As the audio signal approaches levels higher than
the threshold, SOFT_KNEE will increase the compression RATIO. The highest compression
that the SOFT_KNEE algorithm will apply is the compression that is set by RATIO.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
91
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com