Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49352RL/NOPB Datasheet(PDF) 67 Page - Texas Instruments

Part # LM49352RL/NOPB
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352RL/NOPB Datasheet(HTML) 67 Page - Texas Instruments

Back Button LM49352RL/NOPB Datasheet HTML 63Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 64Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 65Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 66Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 67Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 68Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 69Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 70Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Table 51. ADC_ALC_6 (0x86h)
Bits
Field
Description
4:0
HOLD_TIME
This sets how long the ALC circuit waits before increasing the gain.
HOLD_TIME
Time (ms)
00000
1
00001
1.25
00010
1.6
00011
2
00100
2.5
00101
3.2
00110
4
00111
5
01000
6.25
01001
8
01010
10 (Default)
01011
12.5
01100
16
01101
20
01110
25
01111
32
10000
40
10001
50
10010
64
10011
80
10100
100
10101
125
10110
160
10111
200
11000
250
11001
320
11010
400
11011
500
11100
640
11101
800
11110
1000
11111
1250
Table 52. ADC_ALC_7 (0x87h)
Bits
Field
Description
5:0
MAX_LEVEL
This sets the maximum allowed gain of the volume control to the output amplifier whenever
the ALC is use. If the volume control is less than 6 bits the relevant LSBs are used as the
limit and the MSBs are ignored.
Table 53. ADC_ALC_8 (0x88h)
Bits
Field
Description
5:0
MIN_LEVEL
This sets the minimum allowed gain of the volume control to the output amplifier whenever
the ALC is use. If the volume control is less than 6 bits the relevant LSBs are used as the
limit and the MSBs are ignored.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com