Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49352RL/NOPB Datasheet(PDF) 76 Page - Texas Instruments

Part # LM49352RL/NOPB
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352RL/NOPB Datasheet(HTML) 76 Page - Texas Instruments

Back Button LM49352RL/NOPB Datasheet HTML 72Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 73Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 74Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 75Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 76Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 77Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 78Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 79Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 106 page
background image
Audio
Compressor
Output Level
(dB)
Audio Compressor Input
Level
(dB)
Audio
Compressor
Threshold
Level
Soft Knee
Disabled
1:1.4
1:1.2
1:1.7
1:2
1:2.4
1:2.8
1:3.4
Soft Knee
Enabled
1:3.4
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Figure 71. Soft Knee Example with Compression Ratio Setting of 1:3.4
Table 61. SOFTCLIP1 (0x90h)
Bits
Field
Description
3:0
THRESHOLD
This sets the threshold level of the audio compressor. Audio signals above the threshold
will be compressed.
THRESHOLD
Threshold Level (dB)
0000
-36dB
0001
-30dB
0010
-24dB
0011
-20dB
0100
-18dB
0101
-17dB
0110
-16dB
0111
-15dB
1000
-14dB
1001
-12dB
1010
-10dB
1011
-8dB
1100
-6dB
1101
-4dB
1110
-2.5dB
1111
-1dB
76
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com