Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C61-04/TQ Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC16C61-04/TQ
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C61-04/TQ Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC16C61-04/TQ Datasheet HTML 73Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 74Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 75Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 76Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 77Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 78Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 79Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 80Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 77
PIC16C6X
10.0
CAPTURE/COMPARE/PWM
(CCP) MODULE(s)
Each CCP (Capture/Compare/PWM) module contains
a 16-bit register which can operate as a 16-bit capture
register, as a 16-bit compare register, or as a PWM
master/slave duty cycle register. Both the CCP1 and
CCP2 modules are identical in operation, with the
exception of the operation of the special event trigger.
Table 10-1 and Table 10-2 show the resources and
interactions of the CCP modules(s). In the following
sections, the operation of a CCP module is described
with respect to CCP1. CCP2 operates the same as
CCP1, except where noted.
CCP1 module:
Capture/Compare/PWM Register1 (CCPR1) is com-
prised of two 8-bit registers: CCPR1L (low byte) and
CCPR1H (high byte). The CCP1CON register controls
the operation of CCP1. All are readable and writable.
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67 CCP1
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67 CCP2
CCP2 module:
Capture/Compare/PWM Register2 (CCPR2) is com-
prised of two 8-bit registers: CCPR2L (low byte) and
CCPR2H (high byte). The CCP2CON register controls
the operation of CCP2. All are readable and writable.
For use of the CCP modules, refer to the
Embedded
Control Handbook, “Using the CCP Modules” (AN594).
TABLE 10-1:
CCP MODE - TIMER
RESOURCE
CCP Mode
Timer Resource
Capture
Compare
PWM
Timer1
Timer1
Timer2
TABLE 10-2:
INTERACTION OF TWO CCP MODULES
CCPx Mode CCPy Mode
Interaction
Capture
Capture
Same TMR1 time-base.
Capture
Compare
The compare should be configured for the special event trigger, which clears TMR1.
Compare
Compare
The compare(s) should be configured for the special event trigger, which clears TMR1.
PWM
PWM
The PWMs will have the same frequency, and update rate (TMR2 interrupt).
PWM
Capture
None
PWM
Compare
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com