Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C61-04/TQ Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC16C61-04/TQ
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C61-04/TQ Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC16C61-04/TQ Datasheet HTML 15Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 16Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 17Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 18Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 19Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 20Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 21Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 22Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 19
PIC16C6X
4.0
MEMORY ORGANIZATION
4.1
Program Memory Organization
The PIC16C6X family has a 13-bit program counter
capable of addressing an 8K x 14 program memory
space. The amount of program memory available to
each device is listed below:
For those devices with less than 8K program memory,
accessing a location above the physically implemented
address will cause a wraparound.
The reset vector is at 0000h and the interrupt vector is
at 0004h.
FIGURE 4-1:
PIC16C61 PROGRAM
MEMORY MAP AND STACK
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
Device
Program
Memory
Address Range
PIC16C61
1K x 14
0000h-03FFh
PIC16C62
2K x 14
0000h-07FFh
PIC16C62A
2K x 14
0000h-07FFh
PIC16CR62
2K x 14
0000h-07FFh
PIC16C63
4K x 14
0000h-0FFFh
PIC16CR63
4K x 14
0000h-0FFFh
PIC16C64
2K x 14
0000h-07FFh
PIC16C64A
2K x 14
0000h-07FFh
PIC16CR64
2K x 14
0000h-07FFh
PIC16C65
4K x 14
0000h-0FFFh
PIC16C65A
4K x 14
0000h-0FFFh
PIC16CR65
4K x 14
0000h-0FFFh
PIC16C66
8K x 14
0000h-1FFFh
PIC16C67
8K x 14
0000h-1FFFh
PC<12:0>
Stack Level 1
•
Stack Level 8
••
CALL, RETURN
RETFIE, RETLW
13
0000h
0004h
1FFFh
03FFh
0400h
On-chip Program
Memory
0005h
Reset Vector
Peripheral Interrupt Vector
FIGURE 4-2:
PIC16C62/62A/R62/64/64A/
R64 PROGRAM MEMORY
MAP AND STACK
FIGURE 4-3:
PIC16C63/R63/65/65A/R65
PROGRAM MEMORY MAP
AND STACK
PC<12:0>
Stack Level 1
Stack Level 8
CALL, RETURN
RETFIE, RETLW
13
0000h
0004h
1FFFh
07FFh
0800h
On-chip Program
Memory
0005h
Reset Vector
Peripheral Interrupt Vector
••
•
PC<12:0>
Stack Level 1
Stack Level 8
CALL, RETURN
RETFIE, RETLW
13
0000h
0004h
1FFFh
07FFh
0FFFh
0800h
1000h
On-chip Program
Memory (Page 0)
On-chip Program
Memory (Page 1)
0005h
Reset Vector
Peripheral Interrupt Vector
••
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com