Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C61-04/TQ Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16C61-04/TQ
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C61-04/TQ Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16C61-04/TQ Datasheet HTML 87Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 88Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 89Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 90Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 91Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 92Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 93Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 94Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 91
PIC16C6X
11.3.1
SSP MODULE IN SPI MODE FOR
PIC16C66/67
The SPI mode allows 8-bits of data to be synchro-
nously transmitted and received simultaneously. To
accomplish communication, typically three pins are
used:
• Serial Data Out (SDO) RC5/SDO
• Serial Data In (SDI) RC4/SDI/SDA
• Serial Clock (SCK) RC3/SCK/SCL
Additionally a fourth pin may be used when in a slave
mode of operation:
• Slave Select (SS) RA5/SS
When initializing the SPI, several options need to be
specified. This is done by programming the appropriate
control bits in the SSPCON register (SSPCON<5:0>)
and SSPSTAT<7:6>. These control bits allow the fol-
lowing to be specified:
• Master Mode (SCK is the clock output)
• Slave Mode (SCK is the clock input)
• Clock Polarity (Idle state of SCK)
• Clock edge (output data on rising/falling edge of
SCK)
• Clock Rate (Master mode only)
• Slave Select Mode (Slave mode only)
The SSP consists of a transmit/receive Shift Register
(SSPSR) and a buffer register (SSPBUF). The SSPSR
shifts the data in and out of the device, MSb first. The
SSPBUF holds the data that was written to the SSPSR
until the received data is ready. Once the 8-bits of data
have been received, that byte is moved to the SSPBUF
register.
Then
the
buffer
full
detect
bit
BF
(SSPSTAT<0>) and interrupt flag bit SSPIF (PIR1<3>)
are set. This double buffering of the received data
(SSPBUF) allows the next byte to start reception before
reading the data that was just received. Any write to the
SSPBUF register during transmission/reception of data
will be ignored, and the write collision detect bit WCOL
(SSPCON<7>) will be set. User software must clear the
WCOL bit so that it can be determined if the following
write(s) to the SSPBUF register completed success-
fully. When the application software is expecting to
receive valid data, the SSPBUF should be read before
the next byte of data to transfer is written to the
SSPBUF. Buffer full bit BF (SSPSTAT<0>) indicates
when SSPBUF has been loaded with the received data
(transmission is complete). When the SSPBUF is read,
bit BF is cleared. This data may be irrelevant if the SPI
is only a transmitter. Generally the SSP Interrupt is
used to determine when the transmission/reception
has completed. The SSPBUF must be read and/or writ-
ten. If the interrupt method is not going to be used, then
software polling can be done to ensure that a write col-
lision does not occur. Example 11-2 shows the loading
of the SSPBUF (SSPSR) for data transmission. The
shaded instruction is only required if the received data
is meaningful.
EXAMPLE 11-2: LOADING THE SSPBUF
(SSPSR) REGISTER
(PIC16C66/67)
BCF
STATUS, RP1
;Specify Bank 1
BSF
STATUS, RP0
;
LOOP BTFSS SSPSTAT, BF
;Has data been
;received
;(transmit
;complete)?
GOTO
LOOP
;No
BCF
STATUS, RP0
;Specify Bank 0
MOVF
SSPBUF, W
;W reg = contents
; of SSPBUF
MOVF
TXDATA, W
;W reg = contents
; of TXDATA
MOVWF SSPBUF
;New data to xmit
The block diagram of the SSP module, when in SPI
mode (Figure 11-9), shows that the SSPSR is not
directly readable or writable, and can only be accessed
from addressing the SSPBUF register. Additionally, the
SSP status register (SSPSTAT) indicates the various
status conditions.
FIGURE 11-9: SSP BLOCK DIAGRAM
(SPI MODE)(PIC16C66/67)
MOVWF RXDATA
;Save in user RAM
Read
Write
Internal
data bus
RC4/SDI/SDA
RC5/SDO
RA5/SS
RC3/SCK/
SSPSR reg
SSPBUF reg
SSPM3:SSPM0
bit0
shift
clock
SS Control
Enable
Edge
Select
Clock Select
TMR2 output
TCY
Prescaler
4, 16, 64
TRISC<3>
2
Edge
Select
2
4
SCL
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com