Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C61-04/TQ Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC16C61-04/TQ
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C61-04/TQ Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC16C61-04/TQ Datasheet HTML 82Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 83Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 84Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 85Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 86Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 87Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 88Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 89Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 336 page
background image
PIC16C6X
DS30234D-page 86
© 1997 Microchip Technology Inc.
11.2.1
OPERATION OF SSP MODULE IN SPI
MODE
The SPI mode allows 8-bits of data to be synchro-
nously transmitted and received simultaneously. To
accomplish communication, typically three pins are
used:
• Serial Data Out (SDO)
• Serial Data In (SDI)
• Serial Clock (SCK)
Additionally a fourth pin may be used when in a slave
mode of operation:
• Slave Select (SS)
When initializing the SPI, several options need to be
specified. This is done by programming the appropriate
control bits in the SSPCON register (SSPCON<5:0>).
These control bits allow the following to be specified:
• Master Mode (SCK is the clock output)
• Slave Mode (SCK is the clock input)
• Clock Polarity (Output/Input data on the Rising/
Falling edge of SCK)
• Clock Rate (Master mode only)
• Slave Select Mode (Slave mode only)
The SSP consists of a transmit/receive Shift Register
(SSPSR) and a Buffer register (SSPBUF). The SSPSR
shifts the data in and out of the device, MSb first. The
SSPBUF holds the data that was written to the SSPSR,
until the received data is ready. Once the 8-bits of data
have been received, that byte is moved to the SSPBUF
register. Then the Buffer Full bit, BF (SSPSTAT<0>)
and flag bit SSPIF are set. This double buffering of the
received data (SSPBUF) allows the next byte to start
reception before reading the data that was just
received. Any write to the SSPBUF register during
transmission/reception of data will be ignored, and the
write collision detect bit, WCOL (SSPCON<7>) will be
set. User software must clear bit WCOL so that it can
be determined if the following write(s) to the SSPBUF
completed successfully. When the application software
is expecting to receive valid data, the SSPBUF register
should be read before the next byte of data to transfer
is written to the SSPBUF register. The Buffer Full bit BF
(SSPSTAT<0>) indicates when the SSPBUF register
has been loaded with the received data (transmission
is complete). When the SSPBUF is read, bit BF is
cleared. This data may be irrelevant if the SPI is only a
transmitter. Generally the SSP Interrupt is used to
determine when the transmission/reception has com-
pleted. The SSPBUF register must be read and/or writ-
ten. If the interrupt method is not going to be used, then
software polling can be done to ensure that a write col-
lision does not occur. Example 11-1 shows the loading
of the SSPBUF (SSPSR) register for data transmis-
sion. The shaded instruction is only required if the
received data is meaningful.
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
EXAMPLE 11-1: LOADING THE SSPBUF
(SSPSR) REGISTER
The block diagram of the SSP module, when in SPI
mode (Figure 11-3), shows that the SSPSR register is
not directly readable or writable, and can only be
accessed from addressing the SSPBUF register. Addi-
tionally, the SSP status register (SSPSTAT) indicates
the various status conditions.
FIGURE 11-3: SSP BLOCK DIAGRAM
(SPI MODE)
BSF
STATUS, RP0
;Specify Bank 1
LOOP BTFSS SSPSTAT, BF
;Has data been
;received
;(transmit
;complete)?
GOTO
LOOP
;No
BCF
STATUS, RP0
;Specify Bank 0
MOVF
SSPBUF, W
;W reg = contents
;of SSPBUF
MOVWF RXDATA
;Save in user RAM
MOVF
TXDATA, W
;W reg = contents
; of TXDATA
MOVWF SSPBUF
;New data to xmit
Read
Write
Internal
data bus
RC4/SDI/SDA
RC5/SDO
RA5/SS
RC3/SCK/
SSPSR reg
SSPBUF reg
SSPM3:SSPM0
bit0
shift
clock
SS Control
Enable
Edge
Select
Clock Select
TMR2 output
TCY
Prescaler
4, 16, 64
TRISC<3>
2
Edge
Select
2
4
SCL
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com