Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C61-04/TQ Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16C61-04/TQ
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C61-04/TQ Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16C61-04/TQ Datasheet HTML 75Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 76Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 77Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 78Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 79Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 80Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 81Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 82Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 79
PIC16C6X
10.1.4
CCP PRESCALER
There are four prescaler settings, specified by bits
CCP1M3:CCP1M0. Whenever the CCP module is
turned off, or the CCP module is not in Capture mode,
the prescaler counter is cleared. This means that any
reset will clear the prescaler counter.
Switching from one capture prescaler to another may
generate an interrupt. Also, the prescaler counter will
not be cleared, therefore the first capture may be from
a non-zero prescaler. Example 10-1 shows the recom-
mended method for switching between capture pres-
calers. This example also clears the prescaler counter
and will not generate the “false” interrupt.
EXAMPLE 10-1: CHANGING BETWEEN
CAPTURE PRESCALERS
CLRF
CCP1CON
; Turn CCP module off
MOVLW
NEW_CAPT_PS ; Load the W reg with
; the new prescaler
; mode value and CCP ON
MOVWF
CCP1CON
; Load CCP1CON with
; this value
10.2
Compare Mode
In Compare mode, the 16-bit CCPR1 register value is
constantly compared against the TMR1 register pair
value. When a match occurs, the RC2/CCP1 pin is:
• Driven High
• Driven Low
• Remains Unchanged
The action on the pin is based on the value of control
bits CCP1M3:CCP1M0 (CCP1CON<3:0>). At the
same time interrupt flag bit CCP1IF is set.
FIGURE 10-3: COMPARE MODE
OPERATION BLOCK
DIAGRAM
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
CCPR1H CCPR1L
TMR1H
TMR1L
Comparator
QS
R
Output
Logic
Special event trigger will reset Timer1, but not
Special Event Trigger
Set CCP1IF
PIR1<2>
match
RC2/CCP1
TRISC<2>
CCP1CON<3:0>
Mode Select
Output Enable
set interrupt flag bit TMR1IF (PIR1<0>).
10.2.1
CCP PIN CONFIGURATION
The user must configure the RC2/CCP1 pin as an out-
put by clearing the TRISC<2> bit.
10.2.1
TIMER1 MODE SELECTION
Timer1 must be running in Timer mode or Synchro-
nized Counter mode if the CCP module is using the
compare feature. In Asynchronous Counter mode, the
compare operation may not work.
10.2.2
SOFTWARE INTERRUPT MODE
When Generate Software Interrupt is chosen, the
CCP1 pin is not affected. Only a CCP interrupt is gen-
erated (if enabled).
10.2.3
SPECIAL EVENT TRIGGER
In this mode, an internal hardware trigger is generated
which may be used to initiate an action.
The special event trigger output of CCP1 and CCP2
resets the TMR1 register pair. This allows the
CCPR1H:CCPR1L and CCPR2H:CCPR2L registers to
effectively be 16-bit programmable period register(s)
for Timer1.
For compatibility issues, the special event trigger out-
put of CCP1 (PIC16C72) and CCP2 (all other
PIC16C7X devices) also starts an A/D conversion.
Note:
Clearing the CCP1CON register will force
the RC2/CCP1 compare output latch to the
default low level. This is not the data latch.
Note:
The “special
event
trigger” from
the
CCP1and CCP2 modules will not set inter-
rupt flag bit TMR1IF (PIR1<0>).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com