Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C61-04/TQ Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC16C61-04/TQ
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C61-04/TQ Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC16C61-04/TQ Datasheet HTML 89Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 90Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 91Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 92Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 93Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 94Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 95Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 96Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 93
PIC16C6X
The SS pin allows a synchronous slave mode. The
SPI must be in slave mode (SSPCON<3:0> = 04h)
and the TRISA<5> bit must be set for the synchro-
nous slave mode to be enabled. When the SS pin is
low, transmission and reception are enabled and the
SDO pin is driven. When the SS pin goes high, the
SDO pin is no longer driven, even if in the middle of
a transmitted byte, and becomes a floating output. If
the SS pin is taken low without resetting SPI mode,
the transmission will continue from the point at
which it was taken high. External pull-up/ pull-down
resistors may be desirable, depending on the applica-
tion.
To emulate two-wire communication, the SDO pin can
be connected to the SDI pin. When the SPI needs to
operate as a receiver the SDO pin can be configured as
an input. This disables transmissions from the SDO.
The SDI can always be left as an input (SDI function)
since it cannot create a bus conflict.
Note:
When the SPI is in Slave Mode with SS pin
control enabled, (SSPCON<3:0> = 0100)
the SPI module will reset if the SS pin is set
to VDD.
Note:
If the SPI is used in Slave Mode with
CKE = '1', then the SS pin control must be
enabled.
FIGURE 11-11: SPI MODE TIMING, MASTER MODE (PIC16C66/67)
FIGURE 11-12: SPI MODE TIMING (SLAVE MODE WITH CKE = 0) (PIC16C66/67)
SCK (CKP = 0,
SDI (SMP = 0)
SSPIF
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
SDI (SMP = 1)
SCK (CKP = 0,
SCK (CKP = 1,
SCK (CKP = 1,
SDO
bit7
bit7
bit0
bit0
CKE = 0)
CKE = 1)
CKE = 0)
CKE = 1)
SCK (CKP = 0)
SDI (SMP = 0)
SSPIF
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
SCK (CKP = 1)
SDO
bit7
bit0
SS (optional)
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com