Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C61-04/TQ Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16C61-04/TQ
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C61-04/TQ Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16C61-04/TQ Datasheet HTML 100Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 101Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 102Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 103Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 104Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 105Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 106Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 107Page - Microchip Technology PIC16C61-04/TQ Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 336 page
background image
PIC16C6X
DS30234D-page 104
© 1997 Microchip Technology Inc.
FIGURE 11-27: OPERATION OF THE I2C MODULE IN IDLE_MODE, RCV_MODE OR XMIT_MODE
IDLE_MODE (7-bit):
if (Addr_match)
{
Set interrupt;
if (R/W = 1)
{
Send ACK = 0;
set XMIT_MODE;
}
else if (R/W = 0) set RCV_MODE;
}
RCV_MODE:
if ((SSPBUF=Full) OR (SSPOV = 1))
{
Set SSPOV;
Do not acknowledge;
}
else
{
transfer SSPSR
→ SSPBUF;
send ACK = 0;
}
Receive 8-bits in SSPSR;
Set interrupt;
XMIT_MODE:
While ((SSPBUF = Empty) AND (CKP=0)) Hold SCL Low;
Send byte;
Set interrupt;
if ( ACK Received = 1)
{
End of transmission;
Go back to IDLE_MODE;
}
else if ( ACK Received = 0) Go back to XMIT_MODE;
IDLE_MODE (10-Bit):
If (High_byte_addr_match AND (R/W = 0))
{
PRIOR_ADDR_MATCH = FALSE;
Set interrupt;
if ((SSPBUF = Full) OR ((SSPOV = 1))
{
Set SSPOV;
Do not acknowledge;
}
else
{
Set UA = 1;
Send ACK = 0;
While (SSPADD not updated) Hold SCL low;
Clear UA = 0;
Receive Low_addr_byte;
Set interrupt;
Set UA = 1;
If (Low_byte_addr_match)
{
PRIOR_ADDR_MATCH = TRUE;
Send ACK = 0;
while (SSPADD not updated) Hold SCL low;
Clear UA = 0;
Set RCV_MODE;
}
}
}
else if (High_byte_addr_match AND (R/W = 1)
{
if (PRIOR_ADDR_MATCH)
{
send ACK = 0;
set XMIT_MODE;
}
else PRIOR_ADDR_MATCH = FALSE;
}
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com