Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4LC4M16S0 Datasheet(PDF) 12 Page - Alliance Semiconductor Corporation

Part # AS4LC4M16S0
Description  3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC4M16S0 Datasheet(HTML) 12 Page - Alliance Semiconductor Corporation

Back Button AS4LC4M16S0 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 16Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
®
12
ALLIANCE SEMICONDUCTOR
7/5/00
AS4LC4M16S0
AS4LC16M4S0
Mode register set command waveform
MRS can be issued only when both banks are idle.
Precharge waveforms
Precharge can be asserted after tRAS (min). The selected bank will enter the idle state after tRP.. The earliest assertion of the
precharge command without losing any burst data is show below.
(normal write; BL = 4)
(normal read; BL = 4)
Auto precharge waveforms
A10 controls the selection of auto precharge during the read or write command cycle.
(write with auto precharge; BL = 4)
(read with auto precharge; BL = 4)
* The row active command of the precharge bank can be issued after t
RP from this point. At burst read/write with auto precharge, CAS interrupt of the same
bank is illegal; other bank is described below.
CLK
CMD
PRE
MRS
ACT
tRP
tRSC(min)
CLK
CMD
DQ
WE
D0
D1
D2
D3
PRE
CLK
CMD
DQ(CL2)
DQ(CL3)
Read data
PRE
Q0
Q1
Q2
Q3
Q0
Q1
Q2
Q3
CLK
CMD
DQ
WE
D0
D1
D2
D3
Auto precharge starts*
Auto precharge starts*
CLK
CMD
DQ(CL2)
DQ(CL3)
Read data
Q0
Q1
Q2
Q3
Q0
Q1
Q2
Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com