Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4LC4M16S0 Datasheet(PDF) 20 Page - Alliance Semiconductor Corporation

Part # AS4LC4M16S0
Description  3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC4M16S0 Datasheet(HTML) 20 Page - Alliance Semiconductor Corporation

Back Button AS4LC4M16S0 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 24Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
®
20
ALLIANCE SEMICONDUCTOR
7/5/00
AS4LC4M16S0
AS4LC16M4S0
Burst read/single write waveform
(BL = 4, CL = 3)
Interleaved bank read waveform
(BL = 4, CL = 3)
† BA0 and BA1 together determine which bank undergoes operations.
Single
CLK
CS
RAS
CAS
WE
BA0/BA1
A10
A0–A9,A11
DQM
CKE
DQ
RAa
CAa
RAa
CAb
CAr
CAd
Activate
Read
Read
Write
Aa0
Aa5
Aa4
Aa3
Aa2
Aa1
Ad0
Ad3
Ad2
Ad1
Q
Q
Q
Q
QQ
Q
Q
D
D
CLK
CS
RAS
CAS
WE
BA0/BA1†
A10
A0–A9, A11
DQM
CKE
DQ
tCCD
tCCD
tCCD
tRAS
tRP
tRCD
RAa
RBa
CAa
CAb
CBb
CAc
QAa0
QAa3
QAa2
QAa1
QBa0
QAb1
QAb0
QBa1
QAb2
QAc2
QAc1
QAc0
QBb0
QBb3
QBb2
QBb1
Bank A
Bank B
Active
Read
Read
Read
Read
Precharge
RAa
CBa
Precharge
RBa
Bank
Bank
Bank
Bank
Bank
Bank
Bank
Bank
Bank
tRCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com