Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4LC4M16S0 Datasheet(PDF) 22 Page - Alliance Semiconductor Corporation

Part # AS4LC4M16S0
Description  3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC4M16S0 Datasheet(HTML) 22 Page - Alliance Semiconductor Corporation

Back Button AS4LC4M16S0 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 24Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
®
22
ALLIANCE SEMICONDUCTOR
7/5/00
AS4LC4M16S0
AS4LC16M4S0
Interleaved bank read waveform
(BL = 8, CL = 3, Autoprecharge)
† BA0 and BA1 together determine which bank undergoes operations. AP = internal precharge begins.
Interleaved bank write waveform
(BL = 8)
† BA0 and BA1 together determine which bank undergoes operations.
CLK
CS
RAS
CAS
WE
A10
A0–A9, A11
DQM
CKE
DQ
QAa0 QAa1 QAa2 QAa3 QAa4 QAa5 QAa6
QBb0 QBb1
QAa7
tRC
tRC
tRAS
tRAS
tRP
tRAS
tRP
tRCD
tRCD
tRCD
CAa
RAa
RBb
RBb
CAb
CAc
RAa
RAc
RAc
QBb4 QBb5 QBb6
QAc0
QAc0
tRRD
tRRD
Active
Read
Active
Read
Bank A
Bank B
AP
Active
Read
AP
BA0/BA1†
Bank
Bank
Bank
Bank
Bank
Bank
CLK
CS
RAS
CAS
WE
A10
A0-A9,A11
DQM
CKE
DQ
tRC
tRAS
tRP
tRAS
tRCD
tRCD
tRCD
CAa
RAa
RBb
RBb
CAb
CAc
RAa
RAc
RAc
DAa0
DAa1
DAa4
DAa5 DAa6 DAa7
DBb0
DBb1 DBb2 DBb3
DBb4 DBb5 DBb6 DBb7 DAc0 DAc1 DAc2
Active
Write
Active
Write
Bank A
Bank B
Active
Write
Precharge
Precharge
BA0/BA1†
Bank
Bank
Bank
Bank
Bank
Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com