Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3955-ASWF-S4 Datasheet(PDF) 63 Page - ams AG

Part # AS3955-ASWF-S4
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S4 Datasheet(HTML) 63 Page - ams AG

Back Button AS3955-ASWF-S4 Datasheet HTML 59Page - ams AG AS3955-ASWF-S4 Datasheet HTML 60Page - ams AG AS3955-ASWF-S4 Datasheet HTML 61Page - ams AG AS3955-ASWF-S4 Datasheet HTML 62Page - ams AG AS3955-ASWF-S4 Datasheet HTML 63Page - ams AG AS3955-ASWF-S4 Datasheet HTML 64Page - ams AG AS3955-ASWF-S4 Datasheet HTML 65Page - ams AG AS3955-ASWF-S4 Datasheet HTML 66Page - ams AG AS3955-ASWF-S4 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 111 page
background image
ams Datasheet
Page 63
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
SPI Timing
Figure 66:
SPI Timing
Note(s) and/or Footnote(s):
1. TSCLK=TSCLKL+TSCLKH, during EEPROM read the SCLK period has to be increased to 1μs (this limitation is imposed by EEPROM read
access time)
Figure 67:
SPI General Timing
Symbol
Parameter
Min
Typ
Max
Unit
Note
General timing (VDD=VDD_IO=VDD_D= 3.3V, Temperature 25°C)
TSCLK
SCLK period
200
ns
(1)
TSCLKL
SCLK low
80
ns
TSCLKH
SCLK high
80
ns
TSSH
SPI reset (/SS high)
50
ns
TNCSL
/SS falling to SCLK rising
25
ns
first SCLK pulse
TNCSH
SCLK falling to /SS rising
80
ns
last SCLK pulse
TDIS
Data in setup time
10
ns
TDIH
Data in hold time
10
ns
Read timing (VDD=VDD_IO=VDD_D= 3.3V, Temperature 25°C, Cload≤50pF)
TDOD
Data out delay
20
ns
TDOHZ
Data out to high
impedance delay
20
ns
...
...
...
t
DIS
t
DIH
DATAI
DATAI
DATAI
...
t NCSH
t
SCLKH
t
SCLKL
/SS
MOSI
MISO
SCLK
t
NCSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com