Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3955-ASWF-S4 Datasheet(PDF) 48 Page - ams AG

Part # AS3955-ASWF-S4
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S4 Datasheet(HTML) 48 Page - ams AG

Back Button AS3955-ASWF-S4 Datasheet HTML 44Page - ams AG AS3955-ASWF-S4 Datasheet HTML 45Page - ams AG AS3955-ASWF-S4 Datasheet HTML 46Page - ams AG AS3955-ASWF-S4 Datasheet HTML 47Page - ams AG AS3955-ASWF-S4 Datasheet HTML 48Page - ams AG AS3955-ASWF-S4 Datasheet HTML 49Page - ams AG AS3955-ASWF-S4 Datasheet HTML 50Page - ams AG AS3955-ASWF-S4 Datasheet HTML 51Page - ams AG AS3955-ASWF-S4 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 111 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
Figure 51:
Data Transmission from MCU to NFC Device
When the NFC device has successfully read all data from the
buffer, it shall clear the buffer and prepare for further data
transfer by issuing a WRITE command to address FFh. This will
trigger a Tx end interrupt.
If a READ command is received on address FCh prior to the
Transmit Buffer command, AS3955 will return zero data, io_busy
set to 1 and io_data_rdy set to 0. A NFC device can then poll
AS3955 by continuously sending READ commands at address
FCh and waiting until the last word equals 01h.
A READ command can be issued only to address FCh. Issuing a
READ command to any other address than FCh while in
Extended mode shall be treated as an error.
In Extended mode, it is assumed that AS3955 will always receive
16 bytes and transmit 12 bytes of data, 3 empty bytes and 1
byte for FLAGS. If the message size differs in any direction, then
the MCU or NFC device are responsible for proper error
management.
FCh
FDh
FEh
FFh
00h
11h
22h
33h
44h
55h
66h
77h
88h
99h
AAh
BBh
00h
00h
00h
FLAGS
Address space used for communication in
extended mode
...
...
READ FCh
io_busy = 1, io_data_rdy = 0
Response : 00000000h,
00000000h,
00000000h,
00000002h
READ FCh
io_busy= 0, io_data_rdy = 1
Response : 00112233h,
44556677h,
8899AABBh,
00000001h
WRITE FFh,
00000000h
io_busy = 0, io_data_rdy = 0
Response : ACK
0
0
0
0
io_busy
io_data_rdy
FLAGS:
b7 b6 b5 b4
b3
b2
b1
b0
rf_busy
rf_data_rdy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com