Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3955-ASWF-S4 Datasheet(PDF) 82 Page - ams AG

Part # AS3955-ASWF-S4
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S4 Datasheet(HTML) 82 Page - ams AG

Back Button AS3955-ASWF-S4 Datasheet HTML 78Page - ams AG AS3955-ASWF-S4 Datasheet HTML 79Page - ams AG AS3955-ASWF-S4 Datasheet HTML 80Page - ams AG AS3955-ASWF-S4 Datasheet HTML 81Page - ams AG AS3955-ASWF-S4 Datasheet HTML 82Page - ams AG AS3955-ASWF-S4 Datasheet HTML 83Page - ams AG AS3955-ASWF-S4 Datasheet HTML 84Page - ams AG AS3955-ASWF-S4 Datasheet HTML 85Page - ams AG AS3955-ASWF-S4 Datasheet HTML 86Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 111 page
background image
Page 82
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Register Description
Figure 94:
Buffer Status Register 1
Note(s) and/or Footnote(s):
1. Power-up and commands Set Default and Clear Buffer reset the content of this register to 0.
NFC Last Address Register
Figure 95:
Last NFC Address Access Register
Note(s) and/or Footnote(s):
1. Power-up and commands Set Default and Clear Buffer reset the content of this register to 0.
Address 0Dh:
Buffer Status Register 1
Bit
Name
Function
Type
7rfu
RO
6rfu
RO
5rf_busy
Extended mode buffer status flags (see Extended Mode);
io_busy flag is omitted since in this it is always zero when this
byte is read out
RO
4
rf_data_rdy
RO
3
io_data_rdy
RO
2rfu
RO
1buf_unf
Buffer underflow. Set when read more bytes then actual content
of buffer
RO
0buf_ovr
Buffer overflow. Set when written more bytes then actual
content of buffer
RO
Address 0Eh:
Last NFC Address Access
Bit
Name
Function
Type
7
last_addr<7>
Contains last address accessed by reader. Updated on internal
EEPROM access over RF. The address is 8 bit long and contains
also access attempts that are higher than the EEPROM address
space. Value FFh indicates that the value is being updated and
is not valid.
RO
6
last_addr<6>
5
last_addr<5>
4
last_addr<4>
3
last_addr<3>
2
last_addr<2>
1
last_addr<1>
0
last_addr<0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com