Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3955-ASWF-S4 Datasheet(PDF) 46 Page - ams AG

Part # AS3955-ASWF-S4
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S4 Datasheet(HTML) 46 Page - ams AG

Back Button AS3955-ASWF-S4 Datasheet HTML 42Page - ams AG AS3955-ASWF-S4 Datasheet HTML 43Page - ams AG AS3955-ASWF-S4 Datasheet HTML 44Page - ams AG AS3955-ASWF-S4 Datasheet HTML 45Page - ams AG AS3955-ASWF-S4 Datasheet HTML 46Page - ams AG AS3955-ASWF-S4 Datasheet HTML 47Page - ams AG AS3955-ASWF-S4 Datasheet HTML 48Page - ams AG AS3955-ASWF-S4 Datasheet HTML 49Page - ams AG AS3955-ASWF-S4 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 111 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
Assuming that the internal buffer is empty, the NFC device may
start with data transmission by sending a WRITE command on
address FCh. When the first block is written, the rf_busy flag is
set and Rx start interrupt is triggered. At this point, the buffer
cannot be accessed over SPI / I²C until the entire write message
is received which is assumed to be complete when NFC device
sends a write command to block FFh. At this point, an Rx end
interrupt is triggered. This implies that a minimum two
messages must be received from a NFC device in order to
successfully complete a message. If a WRITE command is
received on address FFh before a WRITE command to address
FCh, AS3955 will assume that an error has occurred and will
respond as described in Error Handling.
When the reader writes into the last block FFh, rf_data_rdy flag
is set and the reader cannot change the buffer content until the
MCU reads the content of the block and clears the rf_data_rdy
flag. Any additional reception of WRITE commands from NFC
device, prior to MCU reading out the buffer content, shall result
in a response as defined in Error Handling. The blocks from
internal memory address space are directly mapped into buffer
space as shown on Figure 49.
Figure 49:
Mapping of Data Received into Buffer
When MCU reads out the data from the buffer, data will be sent
to MCU in the same order as they were stored in the buffer
starting from address 00h. When MCU has read all buffer
content, it shall issue a Clear Buffer command to clear the flag
rf_data_rdy. At this point, a new data message can be received.
00h
04h
08h
0Ch
00h
11h
22h
33h
44h
55h
66h
77h
88h
99h
AAh
BBh
CCh
DDh
EEh
FFh
Buffer address space
FCh
FDh
FEh
FFh
00h
11h
22h
33h
44h
55h
66h
77h
88h
99h
AAh
BBh
CCh
DDh
EEh
FFh
Address space used for communication in
extended mode
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com