Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3955-ASWF-S4 Datasheet(PDF) 47 Page - ams AG

Part # AS3955-ASWF-S4
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S4 Datasheet(HTML) 47 Page - ams AG

Back Button AS3955-ASWF-S4 Datasheet HTML 43Page - ams AG AS3955-ASWF-S4 Datasheet HTML 44Page - ams AG AS3955-ASWF-S4 Datasheet HTML 45Page - ams AG AS3955-ASWF-S4 Datasheet HTML 46Page - ams AG AS3955-ASWF-S4 Datasheet HTML 47Page - ams AG AS3955-ASWF-S4 Datasheet HTML 48Page - ams AG AS3955-ASWF-S4 Datasheet HTML 49Page - ams AG AS3955-ASWF-S4 Datasheet HTML 50Page - ams AG AS3955-ASWF-S4 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 111 page
background image
ams Datasheet
Page 47
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
Figure 50:
Data Reception in Extended Mode
MCU to NFC Device Data Flow Protocol
NFC devices can receive data from a MCU through AS3955 by
using standard READ commands.
Prior to writing data into the buffer, the MCU shall issue a Clear
Buffer command to AS3955 to ensure data are correctly
mapped into the buffer. To start data transmission, the MCU
shall issue then a Transmit Buffer command. In this way, the flag
io_data_rdy is set and data can be transmitted to the reader.
The transmission of the data from the tag to the NFC device is
done by issuing a READ command on block FCh. The fourth
block being read during the read command contains the status
flags of the ongoing communication.
NFC devices can receive data from a MCU through AS3955 by
using standard READ commands.
Prior to writing data into the buffer, it is advisable that to issue
a Clear Buffer command to AS3955 to ensure data are correctly
mapped into the buffer. MCU can trigger data transmission by
writing three words of data into the buffer at addresses
FCh-FEh, and issuing a Transmit Buffer command. This will also
set io_data_rdy flag. The transmission of the data from the tag
to the read is done by issuing a read command on word 0xFC.
The NFC device can then retrieve the data from the buffer by
sending a READ command to address FCh. The fourth word
contains the status flags as shown in Figure 51.
PCD
AS3955
ACK
MCU
DATA RD O
UT
WRITE @ FC
h
Rx end
WRITE @ FD
h
ACK
WRITE @
FEh
ACK
WRITE @
FFh
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com