Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3955-ASWF-S4 Datasheet(PDF) 45 Page - ams AG

Part # AS3955-ASWF-S4
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S4 Datasheet(HTML) 45 Page - ams AG

Back Button AS3955-ASWF-S4 Datasheet HTML 41Page - ams AG AS3955-ASWF-S4 Datasheet HTML 42Page - ams AG AS3955-ASWF-S4 Datasheet HTML 43Page - ams AG AS3955-ASWF-S4 Datasheet HTML 44Page - ams AG AS3955-ASWF-S4 Datasheet HTML 45Page - ams AG AS3955-ASWF-S4 Datasheet HTML 46Page - ams AG AS3955-ASWF-S4 Datasheet HTML 47Page - ams AG AS3955-ASWF-S4 Datasheet HTML 48Page - ams AG AS3955-ASWF-S4 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
ams Datasheet
Page 45
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
Extended mode uses an address space above the address space
of the internal EEPROM. It is then possible for a NFC device to
perform accesses to AS3955 internal memory and data transfer
to/from the MCU, without switching modes. This feature allows
the NFC device e.g. to request to the MCU a switch to Tunneling
mode with a simple WRITE command.
The extended mode communication employs a built-in buffer
for communication. Access to buffer from RF and SPI / I²C is
mutually exclusive. AS3955 ensures that buffer content shall be
kept as long as the AS3955 is powered (even in case RF field is
not present) and as long the tag is in SELECTED state. In case
the RF field is switched off and then on again, the buffer content
will be reset.
NFC Device to MCU Data Flow Protocol
For the data transmission from NFC device to the MCU
employing the Extended mode, a NFC WRITE shall be used. Each
data transfer from NFC device is comprised of four WRITE
commands starting from address FCh and ending at address
FFh. The protocol implemented on a NFC device is expected to
always start the data transmission at address FCh, which signals
the beginning of the communication, and end at address FFh.
Figure 48 depicts regular implementation of the Extended
mode using the WRITE commands.
Figure 48:
Address Space Employed for Communication
FCh
FDh
FEh
FFh
00h
11h
22h
33h
44h
55h
66h
77h
88h
99h
AAh
BBh
CCh
DDh
EEh
FFh
Address space used for communication in
extended mode
...
...
WRITE FCh,00112233h
ACK, rf_busy = 1,
IRQ RX start = 1
WRITE FDh,44556677h
ACK, rf_data_rdy = 1,
IRQ RX end = 1
WRITE FEh,8899AABBh
WRITE hFF,CCDDEEFFh
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com