Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPC564L60L5CFQY Datasheet(PDF) 85 Page - STMicroelectronics

Part # RPC564L60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFQY Datasheet(HTML) 85 Page - STMicroelectronics

Back Button RPC564L60L5CFQY Datasheet HTML 81Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 82Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 83Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 84Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 85Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 86Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 87Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 88Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 137 page
background image
DocID026934 Rev 1
85/137
RPC56EL60L5
Electrical characteristics
136
3.3
Recommended operating conditions
VSS_HV_ADR0
VSS_HV_ADR1
SR
ADC_0 ground and low reference voltage
ADC_1 ground and low reference voltage
—–0.1
0.1
V
VDD_HV_ADV
SR
3.3 V ADC supply voltage
—
–0.3
4.5 (4), (3)
V
VSS_HV_ADV
SR
3.3 V ADC supply ground
—
–0.1
0.1
V
TVDD
SR
Supply ramp rate
—
3.0 × 10-6
(3.0
V/sec)
0.5 V/
s
V/
s
VIN
SR
Voltage on any pin with respect to ground
(VSS_HV_IOx) or Vss_HV_ADRx
—–0.3
6.0 (4)
V
Relative to VDD
–0.3
VDD + 0.3
(4),
(5)
IINJPAD
SR
Injected input current on any pin during
overload condition
—
–10
10
mA
IINJSUM
SR
Absolute sum of all injected input currents
during overload condition
—
–50
50
mA
TSTG
SR
Storage temperature
—
–55
150
°C
1.
Functional operating conditions are given in the DC electrical characteristics. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability or cause permanent damage to the device.
2.
Any voltage between operating condition and absolute max rating can be sustained for maximum cumulative time of 10
hours.
3.
Voltage overshoots during a high-to-low or low-to-high transition must not exceed 10 seconds per instance.
4.
Internal structures hold the input voltage less than the maximum voltage on all pads powered by VDDE supplies, if the
maximum injection current specification is met and VDDE is within the operating voltage specifications.
5.
VDD has to be considered equal to to VDD_HV_ADRx in case of ADC pins, whilst it is VDD_HV_IOx for any other pin.
Table 8. Absolute maximum ratings(1) (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
Table 9. Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Min(1)
Max
Unit
VDD_HV_REG
SR 3.3 V voltage regulator supply voltage
—
3.0
3.63
V
VDD_HV_IOx
SR 3.3 V input/output supply voltage
—
3.0
3.63
V
VSS_HV_IOx
SR Input/output ground voltage
—
0
0
V
VDD_HV_FLA
SR 3.3 V flash supply voltage
—
3.0
3.63
V
VSS_HV_FLA
SR Flash memory ground
—
0
0
V
VDD_HV_OSC
SR 3.3 V crystal oscillator amplifier supply voltage
—
3.0
3.63
V
VSS_HV_OSC
SR
3.3 V crystal oscillator amplifier reference
voltage
—0
0
V
VDD_HV_ADR0
(2),
(3)
VDD_HV_ADR1
SR
3.3 V / 5.0 V ADC_0 high reference voltage
3.3 V / 5.0 V ADC_1 high reference voltage
—
4.5 to 5.5 or
3.0 to 3.63
V
VDD_HV_ADV
SR 3.3 V ADC supply voltage
—
3.0
3.63
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com