Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPC564L60L5CFQY Datasheet(PDF) 27 Page - STMicroelectronics

Part # RPC564L60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFQY Datasheet(HTML) 27 Page - STMicroelectronics

Back Button RPC564L60L5CFQY Datasheet HTML 23Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 24Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 25Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 26Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 27Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 28Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 29Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 30Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 137 page
background image
DocID026934 Rev 1
27/137
RPC56EL60L5
Introduction
136
Individual software control for each PWM output
All outputs can be forced to a value simultaneously
PWMX pin can optionally output a third signal from each channel
Channels not used for PWM generation can be used for buffered output compare
functions
Channels not used for PWM generation can be used for input capture functions
Enhanced dual edge capture functionality
Option to supply the source for each complementary PWM signal pair from any of the
following:
–
External digital pin
–
Internal timer channel
–
External ADC input, taking into account values set in ADC high- and low-limit
registers
DMA support
1.5.31
eTimer module
The MPC5643L provides three eTimer modules (on the LQFP package eTimer_2 is
available internally only without any external I/O access). Six 16-bit general purpose
up/down timer/counters per module are implemented with the following features:
Maximum clock frequency of 120 MHz
Individual channel capability
–
Input capture trigger
–
Output compare
–
Double buffer (to capture rising edge and falling edge)
–
Separate prescaler for each counter
–
Selectable clock source
–
0–100% pulse measurement
–
Rotation direction flag (Quad decoder mode)
Maximum count rate
–
Equals peripheral clock divided by 2 for external event counting
–
Equals peripheral clock for internal clock counting
Cascadeable counters
Programmable count modulo
Quadrature decode capabilities
Counters can share available input pins
Count once or repeatedly
Preloadable counters
Pins available as GPIO when timer functionality not in use
DMA support
1.5.32
Sine Wave Generator (SWG)
A digital-to-analog converter is available to generate a sine wave based on 32 stored values
for external devices (ex: resolver).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com