Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPC564L60L5CFQY Datasheet(PDF) 19 Page - STMicroelectronics

Part # RPC564L60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFQY Datasheet(HTML) 19 Page - STMicroelectronics

Back Button RPC564L60L5CFQY Datasheet HTML 15Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 16Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 17Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 18Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 19Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 20Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 21Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 22Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 137 page
background image
DocID026934 Rev 1
19/137
RPC56EL60L5
Introduction
136
1.5.13
System clocks and clock generation
The following list summarizes the system clock and clock generation on this device:
Lock status continuously monitored by lock detect circuitry
Loss-of-clock (LOC) detection for reference and feedback clocks
On-chip loop filter (for improved electromagnetic interference performance and fewer
external components required)
Programmable output clock divider of system clock (
1, 2, 4, 8)
FlexPWM module and as many as three eTimer modules running on an auxiliary clock
independent from system clock (with max frequency 120 MHz)
On-chip crystal oscillator with automatic level control
Dedicated internal 16 MHz internal RC oscillator for rapid start-up
–
Supports automated frequency trimming by hardware during device startup and by
user application
Auxiliary clock domain for motor control periphery (FlexPWM, eTimer, CTU, ADC, and
SWG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com