Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPC564L60L5CFQY Datasheet(PDF) 26 Page - STMicroelectronics

Part # RPC564L60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFQY Datasheet(HTML) 26 Page - STMicroelectronics

Back Button RPC564L60L5CFQY Datasheet HTML 22Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 23Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 24Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 25Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 26Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 27Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 28Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 29Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 137 page
background image
Introduction
RPC56EL60L5
26/137
DocID026934 Rev 1
End-of-transmission interrupt flag
Programmable transfer baud rate
Programmable data frames from 4 to 16 bits
As many as 8 chip select lines available, depending on package and pin multiplexing
4 clock and transfer attributes registers
Chip select strobe available as alternate function on one of the chip select pins for de-
glitching
FIFOs for buffering as many as 5 transfers on the transmit and receive side
Queueing operation possible through use of the eDMA
General purpose I/O functionality on pins when not used for SPI
1.5.30
FlexPWM
The pulse width modulator module (FlexPWM) contains four PWM channels, each of which
is configured to control a single half-bridge power stage. Two modules are included on
LFBGA257 devices; on the LQFP144 package, only one module is present. Additionally,
four fault input channels are provided per FlexPWM module.
This PWM is capable of controlling most motor types, including:
AC induction motors (ACIM)
Permanent Magnet AC motors (PMAC)
Brushless (BLDC) and brush DC motors (BDC)
Switched (SRM) and variable reluctance motors (VRM)
Stepper motors
A FlexPWM module implements the following features:
16 bits of resolution for center, edge aligned, and asymmetrical PWMs
Maximum operating frequency as high as 120 MHz
–
Clock source not modulated and independent from system clock (generated via
secondary FMPLL)
Fine granularity control for enhanced resolution of the PWM period
PWM outputs can operate as complementary pairs or independent channels
Ability to accept signed numbers for PWM generation
Independent control of both edges of each PWM output
Synchronization to external hardware or other PWM supported
Double buffered PWM registers
–
Integral reload rates from 1 to 16
–
Half cycle reload capability
Multiple ADC trigger events can be generated per PWM cycle via hardware
Fault inputs can be assigned to control multiple PWM outputs
Programmable filters for fault inputs
Independently programmable PWM output polarity
Independent top and bottom deadtime insertion
Each complementary pair can operate with its own PWM frequency and deadtime
values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com