Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPC564L60L5CFQY Datasheet(PDF) 98 Page - STMicroelectronics

Part # RPC564L60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFQY Datasheet(HTML) 98 Page - STMicroelectronics

Back Button RPC564L60L5CFQY Datasheet HTML 94Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 95Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 96Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 97Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 98Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 99Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 100Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 101Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 137 page
background image
Electrical characteristics
RPC56EL60L5
98/137
DocID026934 Rev 1
IDD_HV_ADC
(3),
(4)
T Operating current
TJ = 150 C
120 MHz
ADC operating at
60 MHz
VDD_HV_ADC = 3.6 V
——
10
mA
IDD_HV_AREF
(4)
T Operating current
TJ = 150 C
120 MHz
ADC operating at
60 MHz
VDD_HV_REF = 3.6 V
——
3
mA
TJ = 150 C
120 MHz
ADC operating at
60 MHz
VDD_HV_REF = 5.5 V
——
5
IDD_HV_OSC
(oscillator
bypass mode)
T Operating current
TJ = 150 C
3.3 V supplies
120 MHz
—
—
900
A
IDD_HV_OSC
(crystal
oscillator
mode)
D Operating current
TJ = 150 C
3.3 V supplies
120 MHz
——
3.5
mA
IDD_HV_FLASH
(5)
T Operating current
TJ = 150 C
3.3 V supplies
120 MHz
——
4
mA
IDD_HV_PMU
T Operating current
TJ = 150 C
3.3 V supplies
120 MHz
——
10
mA
1.
Devices configured for DPM mode, single core only with Core 0 executing typical code at 120 MHz from SRAM and Core 1
in reset. If core execution mode not specified, the device is configured for LSM mode with both cores executing typical code
at 120 MHz from SRAM.
2.
Enabled Modules in 'Typical mode': FlexPWM0, ETimer0/1/2, CTU, SWG, DMA, FlexCAN0/1, LINFlex, ADC1, DSPI0/1,
PIT, CRC, PLL0/1, I/O supply current excluded. If DPM mode is configured, Core_0 is active while Core_1 is in reset during
the measurements.
3.
Internal structures hold the input voltage less than VDDA + 1.0 V on all pads powered by VDDA supplies, if the maximum
injection current specification is met and VDDA is within the operating voltage specifications.
4.
This value is the total current for both ADCs.
5.
VFLASH is only available in the calibration package.
Table 19. Current consumption characteristics (continued)
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com