Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPC564L60L5CFQY Datasheet(PDF) 89 Page - STMicroelectronics

Part # RPC564L60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFQY Datasheet(HTML) 89 Page - STMicroelectronics

Back Button RPC564L60L5CFQY Datasheet HTML 85Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 86Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 87Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 88Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 89Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 90Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 91Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 92Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 137 page
background image
DocID026934 Rev 1
89/137
RPC56EL60L5
Electrical characteristics
136
1.
C.E. Triplett and B. Joiner, “An Experimental Characterization of a 272 PBGA Within an
Automotive Engine Controller Module,” Proceedings of SemiTherm, San Diego, 1998,
pp. 47–54.
2.
G. Kromann, S. Shidore, and S. Addison, “Thermal Modeling of a PBGA for Air-Cooled
Applications,” Electronic Packaging and Production, pp. 53–58, March 1998.
3.
B. Joiner and V. Adams, “Measurement and Simulation of Junction to Board Thermal
Resistance and Its Application in Thermal Modeling,” Proceedings of SemiTherm, San
Diego, 1999, pp. 212–220.
3.5
Electromagnetic Interference (EMI) characteristics
The characteristics in Table 13 were measured using:
Device configuration, tet conditions, and EM testing per standard IEC61967-2
Supply voltage of 3.3 V DC
Ambient temperature of 25
C
The configuration information referenced in Table 13 is explained in Table 12.
Table 12. EMI configuration summary
Configuration name
Description
Configuration A
• High emission = all pads have max slew rate, LVDS pads running at 40 MHz
• Oscillator frequency = 40 MHz
• System bus frequency = 80 MHz
• No PLL frequency modulation
• IEC level I (
 36 dBV)
Configuration B
• Reference emission = pads use min, mid and max slew rates, LVDS pads disabled
• Oscillator frequency = 40 MHz
• System bus frequency = 80 MHz
• 2% PLL frequency modulation
• IEC level K(
 30 dBV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com