Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS4-LED5-4 Datasheet(PDF) 42 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 42 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 38Page - Lumberg ASBS4-LED5-4 Datasheet HTML 39Page - Lumberg ASBS4-LED5-4 Datasheet HTML 40Page - Lumberg ASBS4-LED5-4 Datasheet HTML 41Page - Lumberg ASBS4-LED5-4 Datasheet HTML 42Page - Lumberg ASBS4-LED5-4 Datasheet HTML 43Page - Lumberg ASBS4-LED5-4 Datasheet HTML 44Page - Lumberg ASBS4-LED5-4 Datasheet HTML 45Page - Lumberg ASBS4-LED5-4 Datasheet HTML 46Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
42
M12 Male Straight – Valve Connector
M12 Cordsets, Double Ended, Male Straight
Connector with Self-Locking Threaded Joint to Valve
Connector for Pressure Switches According to DIN EN
175301-803, Form A.
VAD 3C 4-1:
Cable Gland 0
˚
VAD 3C 4-2:
Cable Gland 180
˚
Cable Types:
228
= PUR, halogen-free, black
259
= PUR, halogen-free,
welding spark proof
RST-VAD 3C | RST-VAD 3C 4-2
Part No.
RST 5-VAD 3C-4-1-228/0,3 M
RST 5-VAD 3C-4-1-228/0,6 M
RST 5-VAD 3C-4-1-228/1 M
RST 5-VAD 3C-4-1-228/1,5 M
RST 5-VAD 3C-4-1-228/2 M
RST 5-VAD 3C-4-1-228/5 M
RST 5-VAD 3C-4-1-259/0,3 M
RST 5-VAD 3C-4-1-259/0,6 M
RST 5-VAD 3C-4-1-259/1 M
RST 5-VAD 3C-4-1-259/1,5 M
RST 5-VAD 3C-4-1-259/2 M
RST 5-VAD 3C-4-1-259/5 M
RST 5-VAD 3C-4-2-228/0,3 M
RST 5-VAD 3C-4-2-228/0,6 M
RST 5-VAD 3C-4-2-228/1 M
RST 5-VAD 3C-4-2-228/1,5 M
RST 5-VAD 3C-4-2-228/2 M
RST 5-VAD 3C-4-2-228/5 M
RST 5-VAD 3C-4-2-259/0,3 M
RST 5-VAD 3C-4-2-259/0,6 M
RST 5-VAD 3C-4-2-259/1 M
RST 5-VAD 3C-4-2-259/1,5 M
RST 5-VAD 3C-4-2-259/5 M
M12 Male Straight – Valve Connector
M12 Cordsets, Double Ended, Male Straight
Connector with Self-Locking Threaded Joint to Valve
Connector According to DIN EN 175301-803, Form B.
VAD 1A 1-1:
Cable Gland 0
˚
VAD 1A 1-2:
Cable Gland 180
˚
Cable Types:
226
= PUR, halogen-free, black
241
= PUR, halogen-free,
welding spark proof
RST-VBD 1A 1-1 | RST-VBD 1A 1-2
M12 Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes
Connector Types: M12-Valve Connector
Part No.
RST 5-3-VBD 1A-1-1-226/0,3 M
RST 5-3-VBD 1A-1-1-226/0,6 M
RST 5-3-VBD 1A-1-1-226/1 M
RST 5-3-VBD 1A-1-1-226/1,5 M
RST 5-3-VBD 1A-1-1-226/2 M
RST 5-3-VBD 1A-1-1-226/5 M
RST 5-3-VBD 1A-1-1-241/0,3 M
RST 5-3-VBD 1A-1-1-241/0,6 M
RST 5-3-VBD 1A-1-1-241/1 M
RST 5-3-VBD 1A-1-1-241/1,5 M
RST 5-3-VBD 1A-1-1-241/2 M
RST 5-3-VBD 1A-1-1-241/5 M
RST 5-3-VBD 1A-1-2-226/0,3 M
RST 5-3-VBD 1A-1-2-226/0,6 M
RST 5-3-VBD 1A-1-2-226/1 M
RST 5-3-VBD 1A-1-2-226/1,5 M
RST 5-3-VBD 1A-1-2-226/2 M
RST 5-3-VBD 1A-1-2-226/5 M
RST 5-3-VBD 1A-1-2-241/0,3 M
RST 5-3-VBD 1A-1-2-241/0,6 M
RST 5-3-VBD 1A-1-2-241/1 M
RST 5-3-VBD 1A-1-2-241/1,5 M
RST 5-3-VBD 1A-1-2-241/2 M
RST 5-3-VBD 1A-1-2-241/5 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com