Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS4-LED5-4 Datasheet(PDF) 77 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 77 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 73Page - Lumberg ASBS4-LED5-4 Datasheet HTML 74Page - Lumberg ASBS4-LED5-4 Datasheet HTML 75Page - Lumberg ASBS4-LED5-4 Datasheet HTML 76Page - Lumberg ASBS4-LED5-4 Datasheet HTML 77Page - Lumberg ASBS4-LED5-4 Datasheet HTML 78Page - Lumberg ASBS4-LED5-4 Datasheet HTML 79Page - Lumberg ASBS4-LED5-4 Datasheet HTML 80Page - Lumberg ASBS4-LED5-4 Datasheet HTML 81Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
77
M23-Round Connectors
M23-Field Attachable Connectors
0906 UMC 201 | 0906 UMC 202
0956 IMC 201
0976 PMC 201
0976 PMC 202
Part No.
0906 UMC 201
0906 UMC 202
Part No.
0956 IMC 201
Part No.
0976 PMC 201
Part No.
0976 PMC 202
M23 Field Attachable, Male Straight
Field Attachable Connector, M23 Male Straight,
6-Poles with Threaded Joint, 0906 UMC 201:
Assembling with Solder Connections, 0906 UMC 202:
Assembly with Screw Terminals. IP 67 Rated.
– Especially suitable for power supply Profibus and
Interbus applications –
Screw Joints for Cables
Ø 10,5 mm
M23 Field Attachable, Male Straight
Field Attachable Connector, M23 Male Straight,
9-Poles with Threaded Joint, Assembling with Solder
Connections, IP 67 Rated.
– Especially suitable for Interbus installation and
remote bus cable –
Screw Joints for Cables
Ø 10,5 mm
M23 Field Attachable, Male Straight
Field Attachable Connector, M23 Male Straight,
12-Poles with Threaded Joint, Assembling with Solder
Connections, IP 67 Rated.
– Especially suitable for Profibus combined cable:
0975 202 000/...M –
Screw Joints for Cables
Ø 14,5 mm
M23 Field Attachable, Male Straight
Field Attachable Connector, M23 Male Straight,
12-Poles with Threaded Joint, Assembling with Solder
Connections, IP 67 Rated.
– Especially suitable for Profibus signal cable:
0975 254 000/...M –
Screw Joints for Cables
Ø 10,5 mm
Field Attachable
Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com