Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS4-LED5-4 Datasheet(PDF) 75 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 75 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 71Page - Lumberg ASBS4-LED5-4 Datasheet HTML 72Page - Lumberg ASBS4-LED5-4 Datasheet HTML 73Page - Lumberg ASBS4-LED5-4 Datasheet HTML 74Page - Lumberg ASBS4-LED5-4 Datasheet HTML 75Page - Lumberg ASBS4-LED5-4 Datasheet HTML 76Page - Lumberg ASBS4-LED5-4 Datasheet HTML 77Page - Lumberg ASBS4-LED5-4 Datasheet HTML 78Page - Lumberg ASBS4-LED5-4 Datasheet HTML 79Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
75
1/2”-20-Round Connectors
1/2”-20 Field Attachable Connectors
RKCW 3U
Part No.
RKCW 3U/7
RKCW 3U/9
1/2”-20 Field Attachable, Female 90˚
Field Attachable Connector, 1/2”-20 Female 90
˚,
3-Poles, Duel Keyway for up to 18 AWG wires.
IP 67 Rated.
Screw Joints for Cables
3U/7: Ø 3,0-6,5 mm
3U/9: Ø 4,0-8,0 mm
7/8”-Round Connectors
Mini 7/8”-Field Attachable Connectors
RSC 30-RSC 50
RKC 30-RKC 50
Part No.
RSC 30/9
RSC 30/11
RSC 40/9
RSC 50/9
RSC 50/11
RSC 50/16
Part No.
RKC 30/9
RKC 30/11
RKC 40/9
RKC 50/9
RKC 50/11
RKC 50/16
7/8” Field Attachable, Male Straight
Field Attachable Connector, 7/8” Male Straight, 3-,
4- and 5-Poles with Threaded Joint, Assembling with
Screw Terminals. IP 67 Rated.
Screw Joints for Cables
30/9: Ø 6,0-8,0 mm
30/11: Ø 8,0-10,0 mm
40/9: Ø 6,0-8,0 mm
40/11: Ø 8,0-10,0 mm
50/9: Ø 6,0-8,0 mm
50/11: Ø 8,0-10,0 mm
50/16: Ø 12,0-14,0 mm
7/8” Field Attachable, Female Straight
Field Attachable Connector, 7/8” Female Straight, 3-,
4- and 5-Poles with Threaded Joint, Assembling with
Screw Terminals. IP 67 Rated.
Screw Joints for Cables
30/9: Ø 6,0-8,0 mm
30/11: Ø 8,0-10,0 mm
40/9: Ø 6,0-8,0 mm
40/11: Ø 8,0-10,0 mm
50/9: Ø 6,0-8,0 mm
50/11: Ø 8,0-10,0 mm
50/16: Ø 12,0-14,0 mm
Field Attachable
Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com