Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS4-LED5-4 Datasheet(PDF) 20 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 20 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 16Page - Lumberg ASBS4-LED5-4 Datasheet HTML 17Page - Lumberg ASBS4-LED5-4 Datasheet HTML 18Page - Lumberg ASBS4-LED5-4 Datasheet HTML 19Page - Lumberg ASBS4-LED5-4 Datasheet HTML 20Page - Lumberg ASBS4-LED5-4 Datasheet HTML 21Page - Lumberg ASBS4-LED5-4 Datasheet HTML 22Page - Lumberg ASBS4-LED5-4 Datasheet HTML 23Page - Lumberg ASBS4-LED5-4 Datasheet HTML 24Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
20
M12-Round-Plug Connector According to IEC 61076-2-101
M12-Cordsets
M12-Female Straight
Actuator-/Sensor-Cordsets, Single Ended,
M12-Female Straight Connector, 3-, 4-, 5- and
8-Poles with Threaded Joint and Molded Cable.
IP 67 Rated.
Cable Types:
18 AWG
731 | 637
= TPE, yellow
645 | 602
= PUR, yellow
Cable Types:
22 AWG
632 | 633 | 612
= PVC, yellow
610 | 679 | 644
= PUR, yellow
643
= TPE, yellow
Cable Types:
24 AWG
627
= PVC, black
RKT
RKT 8-627 (Only)
M12-Female 90°
Actuator-/Sensor-Cordsets, Single Ended,
M12-Female 90° Connector, 3-, 4-, 5-, 8- and
12-Poles with Threaded Joint and Molded Cable.
IP 67 Rated.
8-6-Poles Connects with SBS Sensor-/Actuator
M8 Distribution Boxes
Cable Types:
06 | 07 | 56
= PVC, orange
224 | 225 | 228
282 | 337 | 348
= PUR, halogen-free, black
251 | 259 | 260 | 268 = PUR, halogen-free, weld
and spark proof, orange
Part No.
Part No.
RKWT 4-3-06/2 M
RKWT 5-228/2 M
RKWT 4-3-06/5 M
RKWT 5-228/5 M
RKWT 4-3-06/10 M
RKWT 5-228/10 M
RKWT 4-3-224/2 M
RKWT 8-6-268/2 M
RKWT 4-3-224/5 M
RKWT 8-6-268/5 M
RKWT 4-3-224/10 M
RKWT 8-6-268/10 M
RKWT 4-3-260/2 M
RKWT 8-6-337/2 M
RKWT 4-3-260/5 M
RKWT 8-6-337/5 M
RKWT 4-3-260/10 M
RKWT 8-6-337/10 M
RKWT 4-07/2 M
RKWT 8-282/2 M
RKWT 4-07/5 M
RKWT 8-282/5 M
RKWT 4-07/10 M
RKWT 8-282/10 M
RKWT 4-225/2 M
RKWT 12-348/2 M
RKWT 4-225/5 M
RKWT 12-348/5 M
RKWT 4-225/10 M
RKWT 12-348/10 M
RKWT 4-251/2 M
RKWT 4-251/5 M
RKWT 4-251/10 M
RKWT 5-56/2 M
RKWT 5-56/5 M
RKWT 5-56/10 M
RKWT
Part No.
Part No.
RKT 4-3-731/2 M
RKT 4-643/2 M
RKT 4-3-731/5 M
RKT 4-643/5 M
RKT 4-3-731/10 M
RKT 4-643/10 M
RKT 4-3-632/2 M
RKT 4-602/2 M
RKT 4-3-632/5 M
RKT 4-602/5 M
RKT 4-3-632/10 M
RKT 4-602/10 M
RKT 4-3-645/2 M
RKT 4-679/2 M
RKT 4-3-645/5 M
RKT 4-679/5 M
RKT 4-3-645/10 M
RKT 4-679/10 M
RKT 4-3-610/2 M
RKT 5-612/2 M
RKT 4-3-610/5 M
RKT 5-612/5 M
RKT 4-3-610/10 M
RKT 5-612/10 M
RKT 4-637/2 M
RKT 5-644/2 M
RKT 4-637/5 M
RKT 5-644/5 M
RKT 4-637/10 M
RKT 5-644/10 M
RKT 4-633/2 M
RKT 8-627/2 M
RKT 4-633/5 M
RKT 8-627/5 M
RKT 4-633/10 M
RKT 8-627/10 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com